Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM385D-2.5 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LM385D-2.5
Descripción Electrónicos  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM385D-2.5 Datasheet(HTML) 1 Page - ON Semiconductor

  LM385D-2.5 Datasheet HTML 1Page - ON Semiconductor LM385D-2.5 Datasheet HTML 2Page - ON Semiconductor LM385D-2.5 Datasheet HTML 3Page - ON Semiconductor LM385D-2.5 Datasheet HTML 4Page - ON Semiconductor LM385D-2.5 Datasheet HTML 5Page - ON Semiconductor LM385D-2.5 Datasheet HTML 6Page - ON Semiconductor LM385D-2.5 Datasheet HTML 7Page - ON Semiconductor LM385D-2.5 Datasheet HTML 8Page - ON Semiconductor LM385D-2.5 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2008
March, 2008 - Rev. 8
1
Publication Order Number:
LM285/D
LM285, LM385B
Micropower Voltage
Reference Diodes
The LM285/LM385 series are micropower two-terminal bandgap
voltage regulator diodes. Designed to operate over a wide current
range of 10
mA to 20 mA, these devices feature exceptionally low
dynamic impedance, low noise and stable operation over time and
temperature. Tight voltage tolerances are achieved by on-chip
trimming. The large dynamic operating range enables these devices to
be used in applications with widely varying supplies with excellent
regulation. Extremely low operating current make these devices ideal
for micropower circuitry like portable instrumentation, regulators and
other analog circuitry where extended battery life is required.
The LM285/LM385 series are packaged in a low cost TO-226
plastic case and are available in two voltage versions of 1.235 V and
2.500 V as denoted by the device suffix (see Ordering Information
table). The LM285 is specified over a -40
°C to +85°C temperature
range while the LM385 is rated from 0
°C to +70°C.
The LM385 is also available in a surface mount plastic package in
voltages of 1.235 V and 2.500 V.
Features
Operating Current from 10 mA to 20 mA
1.0%, 1.5%, 2.0% and 3.0% Initial Tolerance Grades
Low Temperature Coefficient
1.0 W Dynamic Impedance
Surface Mount Package Available
Pb-Free Packages are Available
Figure 1. Representative Schematic Diagram
Open
for 1.235 V
10 k
Cathode
Anode
100 k
500
W
600 k
600 k
425 k
74.3 k
8.45 k
600 k
360 k
Open
for 2.5 V
-
+
LM385-1.2
1.235 V
3.3 k
1.5 V
Battery
Standard Application
SOIC-8
D SUFFIX
CASE 751
http://onsemi.com
(Bottom View)
3
12
8
7
6
5
Cathode
N.C.
N.C.
N.C.
4
3
2
Anode
N.C.
N.C.
1
N.C.
N.C.
Cathode
Anode
TO-92
(TO-226)
Z SUFFIX
CASE 29
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
xxx
= 1.2 or 2.5
y
= 2 or 3
z
= 1 or 2
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W, WW
= Work Week
G
= Pb-Free Package
LMy85
Z-xxx
ALYWW
G
G
1
8
(Note: Microdot may be in either location)
y85-z
ALYW
G
1
8


Número de pieza similar - LM385D-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM385D-2.5 MOTOROLA-LM385D-2.5 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-2.5 ONSEMI-LM385D-2.5 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-2.5G ONSEMI-LM385D-2.5G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-2.5R2 ONSEMI-LM385D-2.5R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-2.5R2G ONSEMI-LM385D-2.5R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Descripción similar - LM385D-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com