Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL1401CS-LF Datasheet(PDF) 8 Page - ams AG

No. de pieza TSL1401CS-LF
Descripción Electrónicos  128X1 LINEAR SENSOR ARRAY WITH HOLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS-LF Datasheet(HTML) 8 Page - ams AG

Back Button TSL1401CS-LF Datasheet HTML 4Page - ams AG TSL1401CS-LF Datasheet HTML 5Page - ams AG TSL1401CS-LF Datasheet HTML 6Page - ams AG TSL1401CS-LF Datasheet HTML 7Page - ams AG TSL1401CS-LF Datasheet HTML 8Page - ams AG TSL1401CS-LF Datasheet HTML 9Page - ams AG TSL1401CS-LF Datasheet HTML 10Page - ams AG TSL1401CS-LF Datasheet HTML 11Page - ams AG TSL1401CS-LF Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 7
SETTLING TIME
vs.
LOAD
RL — Load Resistance − W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 3 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF
VDD = 3 V
Vout = 1 V
Figure 8
SETTLING TIME
vs.
LOAD
RL — Load Resistance − W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 5 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF


Número de pieza similar - TSL1401CS-LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results

Descripción similar - TSL1401CS-LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
TSL1401CL AMSCO-TSL1401CL Datasheet
647Kb / 17P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1410R AMSCO-TSL1410R Datasheet
635Kb / 13P
   1280X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1406R AMSCO-TSL1406R Datasheet
655Kb / 15P
   768X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1412S AMSCO-TSL1412S Datasheet
636Kb / 13P
   1536X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R AMSCO-TSL1402R Datasheet
819Kb / 17P
   256X1 LINEAR SENSOR ARRAY WITH HOLD
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
   128x1 LINEAR IMAGE SENSOR
logo
List of Unclassifed Man...
IC-LF1401 ETC1-IC-LF1401 Datasheet
331Kb / 9P
   128x1 Linear Image Sensor
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
   256 X 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com