Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL2591 Datasheet(PDF) 10 Page - ams AG

No. de pieza TSL2591
Descripción Electrónicos  very-high sensitivity light-to-digital
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 10 Page - ams AG

Back Button TSL2591 Datasheet HTML 6Page - ams AG TSL2591 Datasheet HTML 7Page - ams AG TSL2591 Datasheet HTML 8Page - ams AG TSL2591 Datasheet HTML 9Page - ams AG TSL2591 Datasheet HTML 10Page - ams AG TSL2591 Datasheet HTML 11Page - ams AG TSL2591 Datasheet HTML 12Page - ams AG TSL2591 Datasheet HTML 13Page - ams AG TSL2591 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TSL2591 – 10
Datasheet - Apr. 2013 - ams163.5
The device is controlled and monitored by registers accessed
through the I2C serial interface. These registers provide for a
variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in Figure
TSL2591 - 16.
Figure TSL2591 – 16:
Register Description
Note: JGS-Stopped here.
Address
Register Name
R/W
Register Function
Reset
Value
--
COMMAND
W
Specifies Register Address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
CONFIG
R/W
ALS gain and integration time configuration
0x00
0x04
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x05
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x08
NPAILTL
R/W
No Persist ALS interrupt low threshold low byte
0x00
0x09
NPAILTH
R/W
No Persist ALS interrupt low threshold high byte
0x00
0x0A
NPAIHTL
R/W
No Persist ALS interrupt high threshold low byte
0x00
0x0B
NPAIHTH
R/W
No Persist ALS interrupt high threshold high
byte
0x00
0x0C
PERSIST
R/W
Interrupt persistence filter
0x00
0x11
PID
R
Package ID
--
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
C0DATAL
R
CH0 ADC low data byte
0x00
0x15
C0DATAH
R
CH0 ADC high data byte
0x00
0x16
C1DATAL
R
CH1 ADC low data byte
0x00
0x17
C1DATAH
R
CH1 ADC high data byte
0x00
Register Description


Número de pieza similar - TSL2591

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
824Kb / 33P
   Light-to-Digital Converter
2018-Jun-05
logo
OSRAM GmbH
TSL2591 OSRAM-TSL2591 Datasheet
976Kb / 34P
   Light-to-Digital Converter
v3-00 2023-Feb-08
logo
ams AG
TSL25911 AMSCO-TSL25911 Datasheet
711Kb / 25P
   Dual Diode
logo
OSRAM GmbH
TSL25911FN OSRAM-TSL25911FN Datasheet
976Kb / 34P
   Light-to-Digital Converter
v3-00 2023-Feb-08
logo
ams AG
TSL2591 AMSCO-TSL2591_V01 Datasheet
824Kb / 33P
   Light-to-Digital Converter
2018-Jun-05
More results

Descripción similar - TSL2591

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
ams AG
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL237 TAOS-TSL237 Datasheet
161Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com