Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC33B-1-103E Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
TC33B-1-103E Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page Features ■ Recommended for reflow soldering ■ Rotor design compatible with pick and place and automatic adjustment equipment ■ 3 mm size meets EIA/EIAJ standard trimmer footprint ■ RoHS compliant* - see processing information on RoHS compliant surface mount trimmers ■ For trimmer applications/processing guidelines, click here TC33 - 3 mm SMD Trimpot® Trimming Potentiometer *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Electrical Characteristics Standard Resistance Range ......................100 ohms to 1 megohm (see standard resistance table) Resistance Tolerance ........... ±25 % std. Absolute Minimum Resistance ≤ 1 K Ohms .................. 20 ohms max. >1 K Ohms .................2 % max. of TR Contact Resistance Variation .. 5 % max. Resolution ................. Essentially infinite Adjustment Angle ...................200 ° min. Environmental Characteristics Power Rating (50 VDC max.) 70 °C ...................................... 0.1 watt Temperature Range ... -40 °C to +100 °C Temperature Coefficient ... ±250 ppm/°C Humidity .......................-40 °C, 95 %RH TRS max. ...................................... ±5 % Load Life ........@ 70 °C rated power 1000 hours TRS ±5 % Rotational Cycling ...................20 cycles TRS ±5 % Physical Characteristics Torque............... 0.98-11.76 mN-m max. Mechanical Angle* ..................... Continuous; 270 ° ±20 ° Marking..................... Part marking code Standard Packaging .. 2000 pcs./7 ” reel Adjustment Tool.............................. H-90 *The lower limit of the rotational angle standard is 250 °, but there is non-valid rotational range of 10 % or less on each end. Aqueous cleaning not recommended. Product Dimensions How To Order TC33 B - 1 - 103 E Model Style Standard Product Indicator TC33B: -1 = Single Slot Bottom Adjust TC33X: -1 = Continuous Rotation -2 = Rotational Stop Resistance Code Embossed Tape Designator E = 2000 pcs./7 ” Reel (B Style) E = 2500 pcs./7 ” Reel (X Style) G = 9000 pcs./13 ” Reel (X Style) 1.2 (.047) 0.7 (.028) 1.2 (.047) 1.5 (.059) 0.8 (.031) 1.2 (.047) 1.2 (.047) 1.6 (.063) 1.2 (.047) 0.7 (.028) 1.2 (.047) 1.5 (.059) 0.8 (.031) 1.2 (.047) 1.2 (.047) 1.6 (.063) 2.7 (.106) 2.1 (.083) 3.0 (.118) 3.6 (.142) 0.8 (.031) 0.65 (.026) 0.5 (.020) 3.8 (.150) 1.75 (.069) 1.0 (.039) 0.9 (.035) 1.2 (.047) 1.2 (.047) 2.0 (.079) 0.75 (.030) 1.5 (.059) 2.7 (.106) 0.8 (.031) 1.0 (.039) 0.9 (.035) 0.75 (.030) 1.5 (.059) 2.1 (.083) 3.0 (.118) 3.6 (.142) 0.65 (.026) 0.5 (.020) 3.8 (.150) 1.75 (.069) 2.0 (.079) 0~15 2 3 1 2 3 1 SEE MOUNTING NOTE BELOW Mounting Note: The gray area can be used to apply cement to hold the unit in place during board processing, if required. Mounting Note: The gray area can be used to apply cement to hold the unit in place during board processing, if required. SEE MOUNTING NOTE BELOW TC33X-1 Recommended Land Pattern TC33X-2 Recommended Land Pattern DIMENSIONS: MM (INCHES) TOLERANCES: ± 0.3 EXCEPT WHERE NOTED (.010) 1 3 CW CLOCKWISE CCW 2 WIPER |
Número de pieza similar - TC33B-1-103E |
|
Descripción similar - TC33B-1-103E |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |