Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW10A6R20JA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza FW10A6R20JA
Descripción Electrónicos  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW10A6R20JA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FW10A6R20JA Datasheet HTML 1Page - Bourns Electronic Solutions FW10A6R20JA Datasheet HTML 2Page - Bourns Electronic Solutions FW10A6R20JA Datasheet HTML 3Page - Bourns Electronic Solutions FW10A6R20JA Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Fuses at 120 V or 240 V
E24 resistance values
RoHS compliant*
UL Listed
Applications
White goods
Inverters
Lighting
Metering
FWxxA Series Fusible Power Resistors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Characteristic
FW Series
Power
1, 2, 3, 5, 7** W
Resistance Range
4.7 ohms to 100 ohms (E24 values)
UL Listed Resistance Range
4.7 ohms to 47 ohms
Tolerance
5 %
Temperature Coefficient
±200 PPM/°C
Operating Temperature Range
-55 °C to +155 °C
Maximum Voltage
√P*R
Fusing Point
See Fusing Performance Chart
Fusing Time
See Fusing Performance Chart
Product Dimensions
General Introduction
The FWxxA Series of axial leaded wirewound resistors is designed to fuse under abnormal conditions such as sudden surges in
voltage or circuit malfunctions. The resistor will fuse upon application of 120 or 240 voltages.
The resistor will fuse safely if 120 or 240 V is applied. The time to fuse depends on the
resistance value.
** 7 W = 240 Vac only.
Materials
Resistor ............... Wire wound around a
ceramic core
Lead Wire ........................Tinned copper
Housing .......................... Insulated resin
Agency Listing
Description
UL
File Number: E349323
HL
D
d
(DIA.)
H
Model
Dimensions
D
(Max.)
L
(Max.)
Hd
FW10A (1 W)
5.5
(.217)
12
(.472)
28 ± 3.0
(1.102 ± .118)
0.55 ± 0.05
(.022 ± .002)
FW20A (2 W)
6.0
(.236)
12
(.472)
28 ± 3.0
(1.102 ± .118)
0.65 ± 0.05
(.026 ± .002)
FW30A (3 W)
6.5
(.256)
16
(.630)
28 ± 3.0
(1.102 ± .118)
0.75 ± 0.05
(.030 ± .002)
FW50A (5 W)
7.5
(.295)
18
(.709)
28 ± 3.0
(1.102 ± .118)
0.75 ± 0.05
(.030 ± .002)
FW70A (7 W)
9.5
(.374)
26
(1.024)
38 ± 3.0
(1.496 ± .118)
0.75 ± 0.05
(.030 ± .002)
How to Order
FW 10 A 7R50 J A
Model
FW = Fusible
Wirewound
Rated Power
10 = 1.0 Watts
20 = 2.0 Watts
30 = 3.0 Watts
50 = 5.0 Watts
70 = 7.0 Watts
Pin Style
A = Axial
Resistance Code
• R<100 ohms:
“R” represents decimal point
(examples: 7R50 = 7.5 ohms)
• R
≥100 ohms:
First three digits are significant,
fourth digit represents number of
zeros to follow
(example: 1000 = 100 ohms)
Resistance Tolerance
J = ±5 %
Packaging
A = Ammo Pack
• 1,000 pcs./box: FW10, FW20, FW30
• 500 pcs./box: FW50, FW70
Resistance Value
(Ohms)
Resistance
Code
4.7
4R70
5.1
5R10
5.6
5R60
6.2
6R20
6.8
6R80
7.5
7R50
8.2
8R20
9.1
9R10
10
10R0
Popular Values


Número de pieza similar - FW10A6R20JA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
FW10A BOURNS-FW10A Datasheet
598Kb / 4P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
598Kb / 4P
   Fusible Power Resistors
More results

Descripción similar - FW10A6R20JA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
   Fusible Power Resistors
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com