Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS19376 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS19376
Descripción Electrónicos  1A Step-down High Brightness LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19376 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19376 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19376
1A Step-down High Brightness LED Driver
2/8
Version: A12
Electrical Specifications (VIN=12V, TA =25
oC, unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Input voltage
VIN
8
--
32
V
Under voltage lock out
VUVLO
VIN rising
--
7
--
V
UVLO Hysterisis
VUVLO_hys
VIN falling
--
1000
--
mV
Max. Switching Frequency
FSW
--
--
1
MHZ
Current Sense
Mean current sense threshold voltage
VCSN
VIN–VCSN
120
130
140
mV
Sense threshold hysteresis
VCSN_hys
--
±15
--
%
CSN Pin Input Current
ICSN
VIN–VCSN = 50mV
--
0.5
--
µA
DIM Input
DIM input voltage High
VDIM_H
2.0
--
--
V
DIM input voltage Low
VDIM_L
--
--
0.3
V
Max. DIM Frequency
fDIM
fOSC = 500kHz
--
--
50
kHZ
Duty cycle range of low frequency dimming
DPWM_LF
fDIM = 100Hz
0.02%
--
1
Brightness control range
--
5000:1
--
Duty cycle range of high frequency dimming
DPWM_HF
fDIM = 20kHz
4%
--
1
Brightness control range
--
25:1
--
DIM pull up resistor to Internal
supply voltage
RDIM
--
300
--
KΩ
DIM input leakage low
IDIM_L
VDIM = 0
--
70
--
µA
Output Switch
Saturation Voltage
VSAT
IOUT = 0.3A
--
0.8
1.0
V
Saturation Voltage
VSAT
IOUT = 0.8A
--
1.0
1.2
V
Continuous SW Current
ISWmean
--
--
1.0
A
SW Leakage Current
ILEAK
--
0.5
5
µA
Thermal Shutdown
Thermal Shutdown Threshold
TSD
--
150
--
°C
Thermal Shutdown hysteresis
TSD-hys
--
35
--
°C


Número de pieza similar - TS19376

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Descripción similar - TS19376

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
   1A, Step-down High Brightness LED Driver
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
   400V Step-down high brightness LED driver
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Advanced Power Electron...
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM4151 HMSEMI-HM4151 Datasheet
1Mb / 9P
   55V step-down, high brightness LED constant current driver
logo
Shanghai Consonance Ele...
CN5710 CONSONANCE-CN5710 Datasheet
153Kb / 8P
   1A High Brightness LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com