Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC6501P045VCTTR Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza TC6501P045VCTTR
Descripción Electrónicos  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P045VCTTR Datasheet(HTML) 3 Page - Microchip Technology

  TC6501P045VCTTR Datasheet HTML 1Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 2Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 3Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 4Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 5Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 6Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 7Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 8Page - Microchip Technology TC6501P045VCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
 2004 Microchip Technology Inc.
DS21451D-page 3
TC6501/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise noted, VCC = 5.0V, RPULL-UP = 100 kΩ (TC6501/TC6503 only), 100 pF decoupling
capacitor from VCC to GND, TAMB = +25°C.
.
FIGURE 2-1:
Trip Threshold Accuracy.
FIGURE 2-2:
Output Sink Resistance vs.
Temperature.
FIGURE 2-3:
Thermal Step Response in
Perfluorinated Fluid (SOT-23).
FIGURE 2-4:
Supply Current vs.
Temperature.
FIGURE 2-5:
Hysteresis vs. Trip
Temperature.
FIGURE 2-6:
Thermal Step Response in
Still Air (SOT-23).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-5
-3
-4
-1
-2
1
03
2
5
4
Accuracy (˚C)
60
50
40
30
20
10
0
010 20 30 40 50
Temperature (˚C)
80
70
60
50
40
30
20
10
0
60 70 80 90 100
VCC = 2.7V
VCC = 4.0V
VCC = 5.0V
+15˚C/div
+100˚C
+25˚C
5sec/div
Mounted On 0.75 in2
of 2 oz. Copper
-60 -40 -20 0 20 40
Temperature (˚C)
40
35
30
25
20
15
10
5
0
60 80 100 120 140
Trip Temperature (˚C)
-45
12
10
8
6
4
2
0
-25
-5
15 35 55 75 95 115
HYS = GND
HYST = VCC
TC6503/04
TC6503/04
TC6501/02
TC6501/02
+12.5 C/div
+100˚C
+25˚C
20sec/div
Mounted On 0.75 in2
of 2 oz. Copper


Número de pieza similar - TC6501P045VCTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Descripción similar - TC6501P045VCTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com