Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA42T1 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza PZTA42T1
Descripción Electrónicos  HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZTA42T1 Datasheet(HTML) 1 Page - Motorola, Inc

  PZTA42T1 Datasheet HTML 1Page - Motorola, Inc PZTA42T1 Datasheet HTML 2Page - Motorola, Inc PZTA42T1 Datasheet HTML 3Page - Motorola, Inc PZTA42T1 Datasheet HTML 4Page - Motorola, Inc PZTA42T1 Datasheet HTML 5Page - Motorola, Inc PZTA42T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Voltage Transistor
Surface Mount
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage (Open Base)
VCEO
300
Vdc
Collector-Base Voltage (Open Emitter)
VCBO
300
Vdc
Emitter-Base Voltage (Open Collector)
VEBO
6.0
Vdc
Collector Current (DC)
IC
500
mAdc
Total Power Dissipation @ TA = 25°C(1)
PD
1.5
Watts
Storage Temperature Range
Tstg
– 65 to +150
°C
Junction Temperature
TJ
150
°C
DEVICE MARKING
P1D
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction-to-Ambient(1)
R
θJA
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage(2)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
300
Vdc
Collector-Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
V(BR)CBO
300
Vdc
Emitter-Base Breakdown Voltage
(IE = 100 µAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector-Base Cutoff Current
(VCB = 200 Vdc, IE = 0)
ICBO
0.1
µAdc
Emitter-Base Cutoff Current
(VBE = 6.0 Vdc, IC = 0)
IEBO
0.1
µAdc
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in. x 0.059 in.; mounting pad for the collector lead min 0.93 in2.
2. Pulse Test Conditions, tp = 300 µs, δ = 0.02.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by PZTA42T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
PZTA42T1
SOT–223 PACKAGE
NPN SILICON
HIGH VOLTAGE
TRANSISTOR
SURFACE MOUNT
Motorola Preferred Device
CASE 318E-04, STYLE 1
TO-261AA
1
2
3
4
COLLECTOR 2,4
BASE
1
EMITTER 3
REV 2


Número de pieza similar - PZTA42T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
PZTA42T1 ONSEMI-PZTA42T1 Datasheet
107Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
108Kb / 4P
   High Voltage Transistor Surface Mount
November, 2011 ??Rev. 9
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
PZTA42T1G ONSEMI-PZTA42T1G_16 Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
More results

Descripción similar - PZTA42T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
PZTA42T1G ONSEMI-PZTA42T1G_16 Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
108Kb / 4P
   High Voltage Transistor Surface Mount
November, 2011 ??Rev. 9
logo
Weitron Technology
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD340 DIODES-MJD340_15 Datasheet
108Kb / 4P
   HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD340 DIODES-MJD340 Datasheet
108Kb / 4P
   HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94_06 Datasheet
651Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD350 DIODES-MJD350_15 Datasheet
106Kb / 4P
   HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA92 WEITRON-MMBTA92 Datasheet
247Kb / 4P
   High-Voltage PNP Transistor Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com