Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD680JT Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD680JT
Descripción Electrónicos  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD680JT Datasheet(HTML) 1 Page - Analog Devices

  AD680JT Datasheet HTML 1Page - Analog Devices AD680JT Datasheet HTML 2Page - Analog Devices AD680JT Datasheet HTML 3Page - Analog Devices AD680JT Datasheet HTML 4Page - Analog Devices AD680JT Datasheet HTML 5Page - Analog Devices AD680JT Datasheet HTML 6Page - Analog Devices AD680JT Datasheet HTML 7Page - Analog Devices AD680JT Datasheet HTML 8Page - Analog Devices AD680JT Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Power, Low Cost
2.5 V Reference
AD680
Rev. H
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Low quiescent current at 250 μA max
Laser trimmed to high accuracy
2.5 V ± 5 mV max (AN, AR grades)
Trimmed temperature coefficient
20 ppm/°C max (AN, AR grades)
Low noise at 8 μV p-p from 0.1 Hz to 10 Hz
250 nV/√Hz wideband
Temperature output pin (N, R packages)
Available in three package styles
8-lead PDIP, 8-lead SOIC, and 3-pin TO-92
GENERAL DESCRIPTION
The AD680 is a band gap voltage reference that provides a fixed
2.5 V output from inputs between 4.5 V and 36 V. The
architecture of the AD680 enables the reference to be operated
at a very low quiescent current while still realizing excellent dc
characteristics and noise performance. Trimming of the high
stability thin-film resistors is performed for initial accuracy and
temperature coefficient, resulting in low errors over temperature.
The precision dc characteristics of the AD680 make it ideal for
use as a reference for DACs that require an external precision
reference. The device is also ideal for ADCs and, in general, can
offer better performance than the standard on-chip references.
Based upon its low quiescent current, which rivals that of many
incomplete 2-terminal references, the AD680 is recommended
for low power applications, such as hand-held, battery-operated
equipment.
A temperature output pin is provided on the 8-lead package
versions of the AD680. The temperature output pin provides an
output voltage that varies linearly with temperature and allows
the AD680 to be configured as a temperature transducer while
providing a stable 2.5 V output.
The AD680 is available in five grades. The AD680AN is speci-
fied for operation from −40°C to +85°C, while the AD680JN is
specified for 0°C to 70°C operation. Both the AD680AN and
AD680JN are available in 8-lead PDIP packages. The AD680AR
is specified for operation from −40°C to +85°C, while the
AD680JR is specified for 0°C to 70°C operation. Both are
available in 8-lead SOIC packages. The AD680JT is specified for
0°C to 70°C operation and is available in a 3-pin TO-92
package.
CONNECTION DIAGRAMS
* TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS SHOULD BE MADE
TO THESE PINS.
NC = NO CONNECT
AD680
TOP VIEW
(Not to Scale)
TP*
1
+VIN 2
TEMP
3
GND
4
TP*
TP*
VOUT
NC
8
7
6
5
Figure 1. 8-Lead PDIP and 8-Lead SOIC Pin Configuration
AD680
BOTTOM VIEW
(Not to Scale)
32
1
+VIN VOUT GND
Figure 2. Connection Diagram TO-92
PRODUCT HIGHLIGHTS
1. High Accuracy.
The AD680 band gap reference operates on a very low
quiescent current which rivals that of many 2-terminal
references. This makes the complete, higher accuracy AD680
ideal for use in power-sensitive applications.
2. Low Errors.
Laser trimming of both initial accuracy and temperature coef-
ficients results in low errors over temperature without the use
of external components. The AD680AN and AD680AR have
a maximum variation of 6.25 mV between −40°C and +85°C.
3. Low Noise.
The AD680 noise is low, typically 8 μV p-p from 0.1 Hz to
10 Hz. Spectral density is also low, typically 250 nV/√Hz.
4. Temperature Transducer.
The temperature output pin on the 8-lead package versions
enables the AD680 to be configured as a temperature
transducer.
5. Low Cost.
PDIP packaging provides machine insertability, while SOIC
packaging provides surface-mount capability. TO-92
packaging offers a cost-effective alternative to 2-terminal
references, offering a complete solution in the same package
in which 2-terminal references are usually found.


Número de pieza similar - AD680JT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD680JT AD-AD680JT Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680JT AD-AD680JT Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680JTZ1 AD-AD680JTZ1 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

Descripción similar - AD680JT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680 AD-AD680_05 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com