Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7714 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7714
Descripción Electrónicos  3 V/5 V, CMOS, 500 UASignal Conditioning ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7714 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7714 Datasheet HTML 6Page - Analog Devices AD7714 Datasheet HTML 7Page - Analog Devices AD7714 Datasheet HTML 8Page - Analog Devices AD7714 Datasheet HTML 9Page - Analog Devices AD7714 Datasheet HTML 10Page - Analog Devices AD7714 Datasheet HTML 11Page - Analog Devices AD7714 Datasheet HTML 12Page - Analog Devices AD7714 Datasheet HTML 13Page - Analog Devices AD7714 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD7714
REV. C
–10–
PIN FUNCTION DESCRIPTION (Continued)
Pin
No. Mnemonic
Function
19
CS
Chip Select. Active low Logic Input used to select the AD7714. With this input hard-wired low, the AD7714
can operate in its three-wire interface mode with SCLK, DIN and DOUT used to interface to the device.
CS
can be used to select the device in systems with more than one device on the serial bus or as a frame
synchronization signal in communicating with the AD7714.
20
DRDY
Logic output. A logic low on this output indicates that a new output word is available from the AD7714 data
register. The
DRDY pin will return high upon completion of a read operation of a full output word. If no data
read has taken place, after an output update, the
DRDY line will return high for 500
× t
CLK IN cycles prior to
the next output update. This gives an indication of when a read operation should not be attempted to avoid
reading from the data register as it is being updated.
DRDY is also used to indicate when the AD7714 has
completed its on-chip calibration sequence.
21
DOUT
Serial Data Output with serial data being read from the output shift register on the part. This output shift
register can contain information from the calibration registers, mode register, communications register, filter
selection registers or data register depending on the register selection bits of the Communications Register.
22
DIN
Serial Data Input with serial data being written to the input shift register on the part. Data from this input shift
register is transferred to the calibration registers, mode register, communications register or filter selection
registers depending on the register selection bits of the Communications Register.
23
DVDD
Digital Supply Voltage, A Grade Versions: +3.3 V or +5 V nominal; Y Grade Versions: 3 V or 5 V nominal.
24
DGND
Ground reference point for digital circuitry.
BIPOLAR NEGATIVE FULL-SCALE ERROR
This is the deviation of the first code transition from the ideal
AIN(+) voltage (AIN(–) – VREF/GAIN + 0.5 LSB) when operat-
ing in the bipolar mode.
POSITIVE FULL-SCALE OVERRANGE
Positive Full-Scale Overrange is the amount of overhead avail-
able to handle input voltages on AIN(+) input greater than
AIN(–) + VREF/GAIN (for example, noise peaks or excess volt-
ages due to system gain errors in system calibration routines)
without introducing errors due to overloading the analog modu-
lator or overflowing the digital filter.
NEGATIVE FULL-SCALE OVERRANGE
This is the amount of overhead available to handle voltages on
AIN(+) below AIN(–) – VREF/GAIN without overloading the
analog modulator or overflowing the digital filter. Note that the
analog input will accept negative voltage peaks even in the uni-
polar mode provided that AIN(+) is greater than AIN(–) and
greater than AGND – 30 mV.
OFFSET CALIBRATION RANGE
In the system calibration modes, the AD7714 calibrates its
offset with respect to the analog input. The Offset Calibration
Range specification defines the range of voltages that the
AD7714 can accept and still calibrate offset accurately.
FULL-SCALE CALIBRATION RANGE
This is the range of voltages that the AD7714 can accept in the
system calibration mode and still calibrate full scale correctly.
INPUT SPAN
In system calibration schemes, two voltages applied in sequence
to the AD7714’s analog input define the analog input range.
The input span specification defines the minimum and maxi-
mum input voltages from zero to full scale that the AD7714 can
accept and still calibrate gain accurately.
TERMINOLOGY*
INTEGRAL NONLINEARITY
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The end-
points of the transfer function are zero scale (not to be confused
with bipolar zero), a point 0.5 LSB below the first code transi-
tion (000 . . . 000 to 000 . . . 001) and full scale, a point
0.5 LSB above the last code transition (111 . . . 110 to
111 . . . 111). The error is expressed as a percentage of full
scale.
POSITIVE FULL-SCALE ERROR
Positive Full-Scale Error is the deviation of the last code transi-
tion (111 . . . 110 to 111 . . . 111) from the ideal AIN(+) voltage
(AIN(–) + VREF/GAIN – 3/2 LSBs). It applies to both unipolar
and bipolar analog input ranges.
UNIPOLAR OFFSET ERROR
Unipolar Offset Error is the deviation of the first code transition
from the ideal AIN(+) voltage (AIN(–) + 0.5 LSB) when oper-
ating in the unipolar mode.
BIPOLAR ZERO ERROR
This is the deviation of the midscale transition (0111 . . . 111
to 1000 . . . 000) from the ideal AIN(+) voltage (AIN(–) –
0.5 LSB) when operating in the bipolar mode.
GAIN ERROR
This is a measure of the span error of the ADC. It includes full-
scale errors but not zero-scale errors. For unipolar input ranges
it is defined as (full-scale error – unipolar offset error) while for
bipolar input ranges it is defined as (full-scale error – bipolar
zero error).
*AIN(–) refers to the negative input of the differential input pairs or to AIN6
when referring to the pseudo-differential input configurations.


Número de pieza similar - AD7714

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7714 AD-AD7714 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7714 AD-AD7714 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
More results

Descripción similar - AD7714

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7714YRZ AD-AD7714YRZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS,500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
306Kb / 40P
   3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV. C
AD7714ARSZ-5 AD-AD7714ARSZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714ANZ-5 AD-AD7714ANZ-5 Datasheet
298Kb / 40P
   3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
REV. C
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG784 AD-ADG784_15 Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad
REV. A
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com