Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9631AN Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9631AN
Descripción Electrónicos  Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9631AN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9631AN Datasheet HTML 5Page - Analog Devices AD9631AN Datasheet HTML 6Page - Analog Devices AD9631AN Datasheet HTML 7Page - Analog Devices AD9631AN Datasheet HTML 8Page - Analog Devices AD9631AN Datasheet HTML 9Page - Analog Devices AD9631AN Datasheet HTML 10Page - Analog Devices AD9631AN Datasheet HTML 11Page - Analog Devices AD9631AN Datasheet HTML 12Page - Analog Devices AD9631AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. C
AD9631/AD9632
–9–
FREQUENCY – Hz
–30
10k
100k
1M
10M
–50
–70
–90
–110
–130
100M
VS = 5V
RL = 500
G = +2
VO = 2V p-p
THIRD
HARMONIC
SECOND
HARMONIC
TPC 31. AD9632 Harmonic Distortion vs.
Frequency, RL = 500
W
FREQUENCY – Hz
–30
10k
100k
1M
10M
–50
–70
–90
–110
–130
100M
VS = 5V
RL = 100
G = +2
VO = 2V p-p
THIRD
HARMONIC
SECOND
HARMONIC
TPC 32. AD9632 Harmonic Distortion vs.
Frequency, RL = 100
W
FREQUENCY – MHz
50
10
20
30
40
45
40
35
25
20
100
50
60
70 80 90
30
15
10
TPC 33. AD9632 Third Order Intercept vs. Frequency
0.04
1ST
11TH
6TH
0.02
0.00
–0.02
–0.04
2ND
7TH
3RD
8TH
4TH
9TH
5TH
10TH
0.00
–0.02
–0.04
0.04
1ST
11TH
6TH
2ND
7TH
3RD
8TH
4TH
9TH
5TH
10TH
0.02
TPC 34. AD9632 Differential Gain and Phase
Error G = +2, RL = 150
W
SETTLING TIME – ns
0
10
20
30
0.2
0.1
0.0
–0.2
–0.3
40
50
60
70
80
–0.1
TPC 35. AD9632 Short-Term Settling Time,
2 V Step, RL = 100
W
SETTLING TIME –
s
0.3
0
123
0.2
0.1
0.0
–0.2
45
67
8
–0.1
910
TPC 36. AD9632 Long-Term Settling Time,
2 V Step, RL = 100
W


Número de pieza similar - AD9631AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9631AN AD-AD9631AN Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631AN AD-AD9631AN Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631AN AD-AD9631AN Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results

Descripción similar - AD9631AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com