Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4049UBCN Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza CD4049UBCN
Descripción Electrónicos  Hex Inverting Buffer ??Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4049UBCN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CD4049UBCN Datasheet HTML 1Page - Fairchild Semiconductor CD4049UBCN Datasheet HTML 2Page - Fairchild Semiconductor CD4049UBCN Datasheet HTML 3Page - Fairchild Semiconductor CD4049UBCN Datasheet HTML 4Page - Fairchild Semiconductor CD4049UBCN Datasheet HTML 5Page - Fairchild Semiconductor CD4049UBCN Datasheet HTML 6Page - Fairchild Semiconductor CD4049UBCN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed; they are not meant to imply that
the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: VSS = 0V unless otherwise specified.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to +18V
Voltage at Any Output Pin (VOUT)
−0.5V to V
DD + 0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to 15V
Voltage at Any Output Pin (VOUT)
0 to VDD
Operating Temperature Range (TA)
CD4049UBC, CD4050BC
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
1.0
0.01
1.0
30
µA
VDD = 10V
2.0
0.01
2.0
60
VDD = 15V
4.0
0.03
4.0
120
VOL
LOW Level Output Voltage
VIH = VDD, VIL = 0V,
|IO| < 1 µA
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level Output Voltage
VIH = VDD, VIL = 0V,
|IO| < 1 µA
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level Input Voltage
|IO| < 1 µA
(CD4050BC Only)
VDD = 5V, VO = 0.5V
1.5
2.25
1.5
1.5
V
VDD = 10V, VO = 1V
3.0
4.5
3.0
3.0
VDD = 15V, VO = 1.5V
4.0
6.75
4.0
4.0
VIL
LOW Level Input Voltage
|IO| < 1 µA
(CD4049UBC Only)
VDD = 5V, VO = 4.5V
1.0
1.5
1.0
1.0
V
VDD = 10V, VO = 9V
2.0
2.5
2.0
2.0
VDD = 15V, VO = 13.5V
3.0
3.5
3.0
3.0
VIH
HIGH Level Input Voltage
|IO| < 1 µA
(CD4050BC Only)
VDD = 5V, VO = 4.5V
3.5
3.5
2.75
3.5
V
VDD = 10V, VO = 9V
7.0
7.0
5.5
7.0
VDD = 15V, VO = 13.5V
11.0
11.0
8.25
11.0
VIH
HIGH Level Input Voltage
|IO| < 1 µA
(CD4049UBC Only)
VDD = 5V, VO = 0.5V
4.0
4.0
3.5
4.0
V
VDD = 10V, VO = 1V
8.0
8.0
7.5
8.0
VDD = 15V, VO = 1.5V
12.0
12.0
11.5
12.0
IOL
LOW Level Output Current
VIH = VDD, VIL = 0V
(Note 4)
VDD = 5V, VO = 0.4V
5.6
4.6
5
3.2
mA
VDD = 10V, VO = 0.5V
12
9.8
12
6.8
VDD = 15V, VO = 1.5V
35
29
40
20
IOH
HIGH Level Output Current
VIH = VDD, VIL = 0V
(Note 4)
VDD = 5V, VO = 4.6V
−1.3
−1.1
−1.6
−0.72
mA
VDD = 10V, VO = 9.5V
−2.6
−2.2
−3.6
−1.5
VDD = 15V, VO = 13.5V
−8.0
−7.2
−12
−5
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


Número de pieza similar - CD4049UBCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4049UBCN FAIRCHILD-CD4049UBCN Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBCN FAIRCHILD-CD4049UBCN Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
Rochester Electronics
CD4049UBCN ROCHESTER-CD4049UBCN Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
More results

Descripción similar - CD4049UBCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
   HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com