Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA5.0A Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza SA5.0A
Descripción Electrónicos  MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SA5.0A Datasheet(HTML) 3 Page - Motorola, Inc

  SA5.0A Datasheet HTML 1Page - Motorola, Inc SA5.0A Datasheet HTML 2Page - Motorola, Inc SA5.0A Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SA5.0A through SA170A
Motorola TVS/Zener Device Data
4-3
500 Watt Peak Power Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
100
10
1
0.1
0.1
µs
1
µs
10
µs
100
µs
1 ms
10 ms
tp, PULSE WIDTH
Figure 1. Pulse Rating Curve
NONREPETITIVE PULSE
WAVEFORM SHOWN IN
FIGURE 4
100
80
60
40
20
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Pulse Derating Curve
10,000
1000
100
10
0.1
1
10
100
1000
VBR, BREAKDOWN VOLTAGE (VOLTS)
MEASURED @
ZERO BIAS
Figure 3. Capacitance versus Breakdown Voltage
100
50
0
0
1
2
3
4
t, TIME (ms)
PULSE WIDTH (tp) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO 50%
OF IRSM.
tr ≤ 10 µs
PEAK VALUE — IRSM
HALF VALUE –
IRSM
2
Figure 4. Pulse Waveform
5
4
3
2
1
0
0
25
50
75
100 125 150 175 200
TL, LEAD TEMPERATURE (°C)
3/8
3/8
Figure 5. Steady State Power Derating
tr
MEASURED @
STAND-OFF
VOLTAGE (VR)
tP


Número de pieza similar - SA5.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SA5.0A PANJIT-SA5.0A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Taiwan Semiconductor Co...
SA5.0A TSC-SA5.0A Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
First Components Intern...
SA5.0A FCI-SA5.0A Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
SA5.0A SUNMATE-SA5.0A Datasheet
223Kb / 4P
   500 Watts Axial Leaded Transient Voltage Suppressors
logo
Shanghai Shunye Electro...
SA5.0A SY-SA5.0A Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SA5.0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com