Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS68882DESC03XA Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza TS68882DESC03XA
Descripción Electrónicos  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882DESC03XA Datasheet(HTML) 2 Page - ATMEL Corporation

  TS68882DESC03XA Datasheet HTML 1Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 2Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 3Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 4Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 5Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 6Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 7Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 8Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
TS68882
2119A–HIREL–04/02
Introduction
The TS68882 is a high-performance floating-point device designed to interface with the
TS68020 or TS68030 as a co-processor. This device fully supports the TS68000 virtual
machine architecture, and is implemented in HCMOS, Atmel’s low power, small geome-
try process. This process allows CMOS and HMOS (high-density NMOS) gates to be
combined on the same device. CMOS structures are used where speed and low power
is required, and HMOS structures are used where minimum silicon area is desired. The
HCMOS technology enables the TS68882 to be very fast while consuming less power
than comparable HMOS, and still have a reasonably small die size.
With some performance degradation, the TS68882 can also be used as a peripheral
processor in systems where the TS68020 or TS68030 is not the main processor (i.e.,
TS68000, TS68010). The configuration of the TS68882 as a peripheral processor or co-
processor may be completely transparent to user software (i.e., the same object code
may be executed in either configuration).
The architecture of the TS68882 appears to the user as a logical extension of the
TS68000 Family architecture. Coupling of the co-processor interface allows the
TS68020/TS68030 programmer to view the TS68882 registers as though the registers
are resident in the TS68020/TS68030. Thus, a TS68020 or TS68030/TS68882 device
pair appears to be one processor that supports seven floating-point and integer data
types, and has eight integer data registers, eight address registers, and eight floating-
point data registers.
As shown in Figure 1, the TS68882 is internally divided into four processing elements;
the Bus Interface Unit (BIU), the Conversion Control Unit (CCU), the Execution Control
Unit (ECU), and the Microcode Control Unit (MCU). The BIU communicates with the
main processor, the CCU controls the main processor communications dialog and per-
forms some data conversions, and the ECU and MCU execute most floating-point
calculations.
The BIU contains the co-processor interface registers, and the 32-bit control, and
instruction address registers. In addition to these registers, the register select and
DSACK timing control logic is contained in the BIU. Finally, the status flags used to mon-
itor the status of communications with the main processor are contained in the BIU.
The CCU contains special-purpose hardware that performs conversions between the
single, double, and extended precision memory data formula and the internal data for-
mat used by the ECU. It also contains a state machine that controls communications
with the main processor during co-processor interface dialogs.
The eight 80-bit floating-point data registers (FP0-FP7) are located in the ECU. In addi-
tion to these registers, the ECU contains a high-speed 67-bit arithmetic unit used for
both mantissa and exponent calculations, a barrel shifter that can shift from 1-bit to 67-
bits in one machine cycle, and ROM constants (for use by the internal algorithms or user
programs).
The MCU contains the clock generator, a two-level microcoded sequencer that controls
the ECU, the microcode ROM, and self-test circuitry. The built-in self-test capabilities of
the TS68882 enhance reliability and ease manufacturing requirements; however, these
diagnostic functions are not available to the user.


Número de pieza similar - TS68882DESC03XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Descripción similar - TS68882DESC03XA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com