Nombre de pieza
         Descripción
SG3526

 PULSE WIDTH MODULATION CONTROL CIRCUIT ( 10 Page)


MOTOROLA
100% 
Zoom Out Zoom In
 
 3 page
background image
SG3526
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +15 Vdc, TJ = Tlow to Thigh [Note 5], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION (Note 6)
Reference Output Voltage (TJ = +25°C)
Vref
4.90
5.00
5.10
V
Line Regulation (+8.0 V
≤ VCC ≤ +35 V)
Regline
10
30
mV
Load Regulation (0 mA
≤ IL ≤ 20 mA)
Regload
10
50
mV
Temperature Stability
∆Vref/∆T
10
mV
Total Reference Output Voltage Variation
(+8.0 V
≤ VCC ≤ +35 V, 0 mA ≤ IL ≤ 20 mA)
∆Vref
4.85
5.00
5.15
V
Short Circuit Current (Vref = 0 V) (Note 2)
ISC
25
80
125
mA
UNDERVOLTAGE LOCKOUT
Reset Output Voltage (Vref = +3.8 V)
0.2
0.4
V
Reset Output Voltage (Vref = +4.8 V)
2.4
4.8
V
OSCILLATOR SECTION (Note 7)
Initial Accuracy (TJ = +25°C)
±3.0
±8.0
%
Frequency Stability over Power Supply Range
(+8.0 V
≤ VCC ≤ +35 V)
∆fosc
VCC
0.5
1.0
%
Frequency Stability over Temperature
(
∆TJ = Tlow to Thigh)
∆fosc
∆ TJ
2.0
%
Minimum Frequency
(RT = 150 kΩ, CT = 20 µF)
fmin
0.5
Hz
Maximum Frequency
(RT = 2.0 kΩ, CT = 0.001 µF)
fmax
400
kHz
Sawtooth Peak Voltage (VCC = +35 V)
Vosc(P)
3.0
3.5
V
Sawtooth Valley Voltage (VCC = +8.0 V)
Vosc(V)
0.45
0.8
V
ERROR AMPLIFIER SECTION (Note 8)
Input Offset Voltage (RS ≤ 2.0 kΩ)
VIO
2.0
10
mV
Input Bias Current
IIB
–350
–2000
nA
Input Offset Current
IIO
35
200
nA
DC Open Loop Gain (RL ≥ 10 MΩ)
AVOL
60
72
dB
High Output Voltage
(VPin 1–VPin 2 ≥ +150 mV, Isource = 100 µA)
VOH
3.6
4.2
V
Low Output Voltage
(VPin 2–VPin 1 ≥ +150 mV, Isink = 100 µA)
VOL
0.2
0.4
V
Common Mode Rejection Ratio (RS ≤ 2.0 kΩ)
CMRR
70
94
dB
Power Supply Rejection Ratio (+12 V
≤ VCC ≤ +18 V)
PSRR
66
80
dB
NOTES: 2. Maximum junction temperature must be observed.
5. Tlow = 0°CThigh = +125°C
6. IL = 0 mA unless otherwise noted.
7. fosc = 40 kHz (RT = 4.12 kΩ ± 1%, CT = 0.01 µF ± 1%, RD = 0 Ω)
8. 0 V
≤ VCM ≤ +5.2 V.
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CP494SWITCHMODE Pulse Width Modulation Control Circuit 1 2 3 4 5 MoreCeramate Technical
TL494SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TL594PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
SG3526PULSE WIDTH MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreON Semiconductor
PJ494Switchmode Pulse Width Modulation Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TL494SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreON Semiconductor
NTE1722Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1729Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1753Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE7096Integrated Circuit Current Mode Pulse Width Modulator PWM Control Circuit 1 2 3 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl