Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6004V3TP Datasheet(PDF) 5 Page - Littelfuse

No. de pieza L6004V3TP
Descripción Electrónicos  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004V3TP Datasheet(HTML) 5 Page - Littelfuse

  L6004V3TP Datasheet HTML 1Page - Littelfuse L6004V3TP Datasheet HTML 2Page - Littelfuse L6004V3TP Datasheet HTML 3Page - Littelfuse L6004V3TP Datasheet HTML 4Page - Littelfuse L6004V3TP Datasheet HTML 5Page - Littelfuse L6004V3TP Datasheet HTML 6Page - Littelfuse L6004V3TP Datasheet HTML 7Page - Littelfuse L6004V3TP Datasheet HTML 8Page - Littelfuse L6004V3TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
55
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Figure 9: On-State Current vs. On-State Voltage (Typical)
Positive or Instantaneous
On-State Voltage (V
T) - Volts
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
T
J = 25°C
18
20
16
14
12
10
8
6
4
2
110
100
1000
10
Surge Current Duration – Full Cycles
1
100
Qxx04Ry
Qxx04Ly
Qxx04Dy
Qxx04Vy
Lxx04Ry
Lxx04Ly
Lxx04Dy
Lxx04Vy
Figure 10: Surge Peak On-State Current vs. Number of Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State [I
T(RMS)]: Max Rated Value at
Specific Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Note: xx = voltage, y = sensitivity


Número de pieza similar - L6004V3TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Teccor Electronics
L6004V3 TECCOR-L6004V3 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004V3 LITTELFUSE-L6004V3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6004V3 TECCOR-L6004V3 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004V3 LITTELFUSE-L6004V3 Datasheet
176Kb / 8P
   Sensitive Triacs
L6004V3 LITTELFUSE-L6004V3 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Descripción similar - L6004V3TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com