Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP27EPZ1 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza OP27EPZ1
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27EPZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP27EPZ1 Datasheet HTML 6Page - Analog Devices OP27EPZ1 Datasheet HTML 7Page - Analog Devices OP27EPZ1 Datasheet HTML 8Page - Analog Devices OP27EPZ1 Datasheet HTML 9Page - Analog Devices OP27EPZ1 Datasheet HTML 10Page - Analog Devices OP27EPZ1 Datasheet HTML 11Page - Analog Devices OP27EPZ1 Datasheet HTML 12Page - Analog Devices OP27EPZ1 Datasheet HTML 13Page - Analog Devices OP27EPZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OP27
Rev. F | Page 10 of 20
30
0
–20
100
TIME (Sec)
25
20
15
10
5
0
2040
6080
THERMAL
SHOCK
RESPONSE
BAND
DEVICE IMMERSED
IN 70
°C OIL BATH
TA =
25
°C
TA = 70°C
VS = ±15V
Figure 16. Offset Voltage Change Due to Thermal Shock
0
150
TEMPERATURE (
°C)
40
20
30
50
10
–50
–25
0
25
50
75
100
125
VS = ±15V
OP27C
OP27A
Figure 17. Input Bias Current vs. Temperature
0
125
TEMPERATURE (
°C)
40
20
30
50
10
–50
–25
–75
0
25
50
75
100
OP27C
OP27A
VS = ±15V
Figure 18. Input Offset Current vs. Temperature
–10
100M
FREQUENCY (Hz)
130
10
100
1
1k
10k
100k
1M
10M
110
90
70
50
30
10
Figure 19. Open-Loop Gain vs. Frequency
125
TEMPERATURE (
°C)
–50
–25
–75
0
25
50
75
100
VS = ±15V
70
60
50
4
3
2
10
9
8
7
6
SLEW
GBW
ΦM
Figure 20. Slew Rate, Gain Bandwidth Product, Phase Margin vs.
Temperature
100M
FREQUENCY (Hz)
1M
–10
25
80
220
20
15
10
5
0
–5
100
120
140
160
180
200
10M
TA = 25°C
VS = ±15V
GAIN
PHASE
MARGIN
= 70
°
Figure 21. Gain, Phase Shift vs. Frequency


Número de pieza similar - OP27EPZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP27EPZ1 AD-OP27EPZ1 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Descripción similar - OP27EPZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com