Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP27GP Datasheet(PDF) 4 Page - Analog Devices

No. de pieza OP27GP
Descripción Electrónicos  Low Noise, Precision Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP27GP Datasheet(HTML) 4 Page - Analog Devices

  OP27GP Datasheet HTML 1Page - Analog Devices OP27GP Datasheet HTML 2Page - Analog Devices OP27GP Datasheet HTML 3Page - Analog Devices OP27GP Datasheet HTML 4Page - Analog Devices OP27GP Datasheet HTML 5Page - Analog Devices OP27GP Datasheet HTML 6Page - Analog Devices OP27GP Datasheet HTML 7Page - Analog Devices OP27GP Datasheet HTML 8Page - Analog Devices OP27GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OP27
Rev. F | Page 4 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
OP27A/E
OP27/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
VOS
10
25
30
100
μV
LONG-TERM VOS STABILITY2, 3
VOS/Time
0.2
1.0
0.4
2.0
μV/MO
INPUT OFFSET CURRENT
IOS
7
35
12
75
nA
INPUT BIAS CURRENT
IB
±10
±40
±15
±80
nA
INPUT NOISE VOLTAGE3, 4
en p-p
0.1 Hz to 10 Hz
0.08
0.18
0.09
0.25
μV p-p
INPUT NOISE
en
fO = 10 Hz
3.5
5.5
3.8
8.0
nV/√Hz
Voltage Density3
fO = 30 Hz
3.1
4.5
3.3
5.6
nV/√Hz
fO = 1000 Hz
3.0
3.8
3.2
4.5
nV/√Hz
INPUT NOISE
in
fO = 10 Hz
1.7
4.0
1.7
pA/√Hz
Current Density3
fO = 30 Hz
1.0
2.3
1.0
pA/√Hz
fO = 1000 Hz
0.4
0.6
0.4
0.6
pA/√Hz
INPUT RESISTANCE
Differential Mode5
RIN
1.3
6
0.7
4
Common Mode
RINCM
3
2
INPUT VOLTAGE RANGE
IVR
±11.0
±12.3
±11.0
±12.3
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±11 V
114
126
100
120
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±4 V to ±18 V
1
10
2
20
μV/V
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 k Ω, VO = ±10 V
1000
1800
700
1500
V/
mV
RL ≥ 600 Ω, VO = ±10 V
800
1500
600
1500
V/
mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 k Ω
±12.0
±13.8
±11.5
±13.5
V
RL ≥ 600 Ω
±10.0
±11.5
±10.0
±11.5
V
SLEW RATE6
SR
RL ≥ 2 kΩ
1.7
2.8
1.7
2.8
V/μs
GAIN BANDWIDTH PRODUCT6
GBW
5.0
8.0
5.0
8.0
MHz
OPEN-LOOP OUTPUT RESISTANCE
RO
VO = 0, IO = 0
70
70
Ω
POWER CONSUMPTION
Pd
VO
90
140
100
170
mW
OFFSET ADJUSTMENT RANGE
RP = 10 kΩ
±4.0
±4.0
mV
1 Input offset voltage measurements are performed approximately 0.5 seconds after application of power. A/E grades guaranteed fully warmed up.
2 Long-term input offset voltage stability refers to the average trend line of VOS vs. time over extended periods after the first 30 days of operation. Excluding the initial
hour of operation, changes in VOS during the first 30 days are typically 2.5 μV. Refer to the Typical Performance Characteristics section.
3 Sample tested.
4 See voltage noise test circuit (Figure 31).
5 Guaranteed by input bias current.
6 Guaranteed by design.


Número de pieza similar - OP27GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OP27GP TI-OP27GP Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP27GP AD-OP27GP Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27GP MAXIM-OP27GP Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27GP AD-OP27GP Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27GP AD-OP27GP Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Descripción similar - OP27GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com