Nombre de pieza
         Descripción
2N2218A

 NPN SILICON PLANAR SWITCHING TRANSISTORS ( 3 Page)


BOCA
100% 
Zoom Out Zoom In
   
 3 page
background image
TO-39 Metal Can Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web
Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete
information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product;
neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life
saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290
e-mail sales@cdil.com www.cdil.com
2
1
3
PIN CO NFIG UR ATIO N
1. E M ITTE R
2. BASE
3. C O LLE C TO R
DIM
M IN
M A X
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E—
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K12.70
L
42 D E G
48 D E G
A
B
D
G
L
H
J
1
2
3
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20.0K
17" x 15" x 13.5"
32.0K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 3
http://www.bocasemi.com
page 3
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FMMT2222SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers
BSS66SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS 1 List of Unclassifed Manufacturers
FMMT3903SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
CPH3123PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 5 Sanyo Semicon Device
2SC6044NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
2N2221ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 3 Boca Semiconductor Corporation
2SC6064NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
ZTX320NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
FMMT2369SOT23 NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers
2N2904ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 Boca Semiconductor Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl