Nombre de pieza
         Descripción
2N2222A

 NPN SILICON PLANAR SWITCHING TRANSISTORS ( 3 Page)


BOCA
100% 
Zoom Out Zoom In
   
 1 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR SWITCHING TRANSISTORS
2N2221A
2N2222A
TO-18
Switching And Linear Application DC And VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N2221A,22A
UNIT
Collector -Emitter Voltage
VCEO
40
V
Collector -Base Voltage
VCBO
75
V
Emitter -Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
800
mA
Power Dissipation @Ta=25 degC
PD
500
mW
Derate Above 25deg C
2.28
mW/deg C
@ Tc=25 degC
PD
1.2
W
Derate Above 25deg C
6.85
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
40
-
V
Collector -Base Voltage
VCBO
IC=10uA.IE=0
75
-
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
6.0
-
V
Collector-Cut off Current
ICBO
VCB=60V, IE=0
-
10
nA
Ta=150 deg C
VCB=60V, IE=0
-
10
uA
ICEX
VCE=60V, VEB=3V
-
10
nA
Emitter-Cut off Current
IEBO
VEB=3V, IC=0
-
10
nA
Base-Cut off Current
IBL
VCE=60V, VEB=3V
-
20
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=150mA,IB=15mA
-
0.3
V
IC=500mA,IB=50mA
1.0
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=150mA,IB=15mA
-
0.6-1.2
V
IC=500mA,IB=50mA
-
2.0
V
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3
http://www.bocasemi.com
page : 1
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FMMT2222SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers
BSS66SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS 1 List of Unclassifed Manufacturers
FMMT3903SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
CPH3123PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 5 Sanyo Semicon Device
2SC6044NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
2N2218ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 3 Boca Semiconductor Corporation
2SC6064NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
ZTX320NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
FMMT2369SOT23 NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers
2N2904ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 Boca Semiconductor Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl