Nombre de pieza
         Descripción
2N2904A

 NPN SILICON PLANAR SWITCHING TRANSISTORS ( 2 Page)


BOCA
100% 
Zoom Out Zoom In
   
 1 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A
2N2905A
TO-39
Switching And Linear Application DC to VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N2904A, 05A
UNIT
Collector -Emitter Voltage
VCEO
60
V
Collector -Base Voltage
VCBO
60
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
600
mA
Power Dissipation @Ta=25 degC
PD
600
mW
Derate Above 25deg C
3.43
mW/deg C
@ Tc=25 degC
PD
3.0
W
Derate Above 25deg C
17.2
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=10mA,IB=0
60
-
V
Collector -Base Voltage
VCBO
IC=10uA.IE=0
60
-
V
Emitter-Base Voltage
VEBO
IE=10uA, IC=0
5.0
-
V
Collector-Cut off Current
ICBO
VCB=50V, IE=0
-
10
nA
Ta=150 deg C
VCB=50V, IE=0
-
10
uA
ICEX
VCE=30V, VBE=0.5V
-
50
nA
Base Current
IB
VCE=30V, VBE=0.5V
-
50
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=150mA,IB=15mA
-
0.4
V
IC=500mA,IB=50mA
1.6
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=150mA,IB=15mA
-
1.3
V
IC=500mA,IB=50mA
-
2.6
V
2N2904A
2N2905A
DC Current Gain
hFE
IC=0.1mA,VCE=10V
>40
>75
IC=1mA,VCE=10V
>40
>100
IC=10mA,VCE=10V
>40
>100
IC=150mA,VCE=10V*
40-120
100-300
IC=500mA,VCE=10V*
>40
>50
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3
http://www.bocasemi.com
page: 1
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
FMMT2222SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers
BSS66SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS 1 List of Unclassifed Manufacturers
FMMT3903SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
CPH3123PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 5 Sanyo Semicon Device
2SC6044NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
2N2218ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 3 Boca Semiconductor Corporation
2SC6064NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
2N2221ANPN SILICON PLANAR SWITCHING TRANSISTORS 1 2 3 Boca Semiconductor Corporation
ZTX320NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 Zetex Semiconductors
FMMT2369SOT23 NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 List of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl