Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2703MF-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2703MF-ADJ
Descripción Electrónicos  LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2703MF-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM2703MF-ADJ Datasheet HTML 1Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 2Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 3Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 4Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 5Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 6Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 7Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 8Page - Texas Instruments LM2703MF-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2703
www.ti.com
SNVS172F – FEBRUARY 2002 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
VIN
7.5V
SW Voltage
22.5V
FB Voltage
2V
SHDN Voltage
7.5V
Maximum Junction Temp. TJ
(3)
150°C
Lead Temperature
(Soldering 10 sec.)
300°C
Vapor Phase
(60 sec.)
215°C
Infrared
(15 sec.)
220°C
ESD Ratings (4)
Human Body Model
2kV
Machine Model (5)
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance. The maximum
allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die temperature.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
(5)
ESD susceptibility using the machine model is 150V for SW pin.
Operating Conditions
Junction Temperature
(1)
−40°C to +125°C
Supply Voltage
2.2V to 7V
SW Voltage Max.
22V
(1)
All limits ensured at room temperature and at temperature extremes. All room temperature limits are 100% production tested or
ensured through statistical analysis. All limits at temperature extremes are ensured via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those in boldface type apply over the full Operating Temperature
Range (TJ = −40°C to +125°C). Unless otherwise specified. VIN =2.2V.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Device Disabled
FB = 1.3V
40
70
Device Enabled
FB = 1.2V
235
300
µA
Shutdown
SHDN = 0V
0.01
2.5
VFB
FeedbackTrip Point
1.189
1.237
1.269
V
ICL
Switch Current Limit
275
350
400
mA
260
400
IB
FB Pin Bias Current
FB = 1.23V (3)
30
120
nA
VIN
Input Voltage Range
2.2
7.0
V
RDSON
Switch RDSON
0.7
1.6
TOFF
Switch Off Time
400
ns
(1)
All limits ensured at room temperature and at temperature extremes. All room temperature limits are 100% production tested or
ensured through statistical analysis. All limits at temperature extremes are ensured via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Feedback current flows into the pin.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2703


Número de pieza similar - LM2703MF-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2703MF-ADJ NSC-LM2703MF-ADJ Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
More results

Descripción similar - LM2703MF-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
[Old version datasheet]   LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
[Old version datasheet]   LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com