Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1965J Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC1965J
Descripción Electrónicos  Precision Reference with Low Offset Error Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC1965J Datasheet(HTML) 3 Page - Texas Instruments

  UC1965J Datasheet HTML 1Page - Texas Instruments UC1965J Datasheet HTML 2Page - Texas Instruments UC1965J Datasheet HTML 3Page - Texas Instruments UC1965J Datasheet HTML 4Page - Texas Instruments UC1965J Datasheet HTML 5Page - Texas Instruments UC1965J Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
UC1965
UC2965
UC3965
ELECTRICAL CHARACTERISTICS Unless otherwise specified, VCC = 5V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Section (cont.)
Output Low Level
IOUT = 0
µA
0.8
V
IOUT = 100
µA
1.2
V
Output High Level
IOUT = 0
µA4
V
IOUT = –500
µA4
V
Short Circuit Circuit
VCOMP = 0V
8
mA
CMRR
VCM = 1.25V to 3.75V
70
100
dB
PSRR
VCC = 4.3V to 20V
70
100
dB
Rising Slew Rate
2V/
µs
Falling Slew Rate
0.4
V/
µs
Inverting Buffer Amplifier
Input Bias
VCM = 2.5V
1
2
µA
Output Offset Voltage
VCM = 2.5V
–20
0
20
mV
Gain Bandwidth Product
VIN = 50mV P-P (Note 1)
1.5
MHz
Closed Loop Gain
Inverting Gain
–2.04
–2
–1.96
V/V
Output Low Level
IOUT = 0
µA
0.3
V
IOUT = 100
µA
0.5
V
Output High Level
IOUT = 0mA
4
V
IOUT = –4mA
4
V
Short Circuit Circuit
VOUT = 0V
18
mA
CMRR
VCM = 1.25V to 3.75V
70
100
dB
PSRR
VCC = 4.3V to 20V
70
100
dB
Rising Slew Rate
0.9
V/
µs
Falling Slew Rate
0.9
V/
µs
Note 1: Guaranteed by design. Not 100% tested in production.
PIN DESCRIPTIONS
COMP: The output of the error amplifier and the input to
the inverting terminal of the internal output buffer. This
pin is available to compensate the high frequency gain of
the error amplifier.
GND: The reference and power ground for the device.
NI: The non-inverting input to the error amplifier.
OFFSET: The non-inverting input to the internal output
buffer.
VCC: The power input to the device. The minimum to
maximum operating voltage is 4.3V to 20V.
VFB: The inverting terminal of the error amplifier used as
both the voltage sense input to the error amplifier and its
other compensation point.
VOUT: The emitter of the output transistor. This pin is
the output of the inverting buffer. This pin has the capa-
bility to drive an optocoupler or a PWM controller directly.
VREF: The output of the trimmed precision reference.
This reference maintains within 1% of its initial value over
its entire line, load, and temperature range.


Número de pieza similar - UC1965J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
More results

Descripción similar - UC1965J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203_V01 Datasheet
396Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
01-Jan-2022
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
Rev. C, 16-May-11
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com