Nombre de pieza
         Descripción
MC78LXXA

 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS ( 7 Page)


BOCA
100% 
Zoom Out Zoom In
   
 1 page
background image
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
3-TERMINAL 0.1A POSITIVE VOLTAGE
REGULATORS
The MC78LXX series of fixed voltage monolithic integrated circuit
voltage regulators are suitable for application that required supply
up to 100mA.
FEATURES
• Maximum Output Current of 100mA
• Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and 24V
• Thermal Overload Protection
• Short Circuit Current Limiting
• Output Voltage Offered in ± 5% Tolerance
ORDERING INFORMATION
BLOCK DIAGRAM
VI
3
2
GND
V0
1
I
RSC
REFERENCE VOLTAGE
SHORT CIRCUIT
PROTECTION
THERMAL SHUTDOWN
CIRCUIT
+
-
Device
Package
Operating Temperature
MC78LXXACP (LM78LXXACZ) (KA78LXXAZ)
TO-92
- 45 ~ + 125
°C °
MC78LXXACD (KA78LXXAD)
8 SOP
0 ~ + 125
°C
TO-92
1: Output 2: GND 3: Input
8 SOP
1: Output 2: GND 3: GND 4: NC
5: NC 6: GND 7: GND 8: Input
©1999 Fairchild Semiconductor Corporation
Rev. C
This Material Copyrighted By Its Respective Manufacturer
Boca Semiconductor Corp.
(BSC)
1  2  3  4  5  6  7 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM79LXXA3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreBoca Semiconductor Corporation
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM79XX3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
MC79XX3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
HA179L003-terminal Negative Fixed Voltage Regulators 1 2 3 4 5 MoreHitachi Semiconductor
PJ79003-Terminal Negative Output Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC79LXXA3-Terminal 0.1A Negative Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM79L00LM79L00 Series 3-Terminal Negative Output voltage Regulators 1 2 3 4 5 MoreFirst Components International
KA79LXXA3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBoca Semiconductor Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl