Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSD-D6O008-004 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza KSD-D6O008-004
Descripción Electrónicos  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSD-D6O008-004 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KSD-D6O008-004 Datasheet HTML 1Page - KODENSHI_AUK CORP. KSD-D6O008-004 Datasheet HTML 2Page - KODENSHI_AUK CORP. KSD-D6O008-004 Datasheet HTML 3Page - KODENSHI_AUK CORP. KSD-D6O008-004 Datasheet HTML 4Page - KODENSHI_AUK CORP. KSD-D6O008-004 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D6O008-004
1
SDB1060DI
Schottky Barrier Rectifier
TO-252
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Features
 Low forward voltage drop and leakage current
 Low power loss and High efficiency
 High surge capability
 Dual common cathode rectifier
 “Green” device and RoHS compliant device
Applications
 Power supply - Output rectification
 Converter
 Free-wheeling diode
 Reverse battery protection
 Power inverters
Description
The SDB1060DI has two schottky barriers arranged in a common cathode configuration. Typical
applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery
protection.
Ordering Information
Device
Marking Code
Package
Packaging
SDB1060DI
SDB1060DI
TO-252
Tape & Reel
Marking Information
SDB1060DI
YWW
SDB1060DI
YWW
Product Characteristics
IF(AV)
2 X 5A
VRRM
60V
VFM at 125℃
0.55V
IFSM
60A
SDB1060DI = Specific Device Code
YWW = Year & Week Code Marking
-. Y = Year Code
-. WW = Week Code
TO-252
Pin Configuration
Pin 1, 3: Anode
Pin 2, 4: Cathode
1
2, 4
3


Número de pieza similar - KSD-D6O008-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KSD-D6O009-003 KODENSHI-KSD-D6O009-003 Datasheet
224Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results

Descripción similar - KSD-D6O008-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com