Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KD1-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza KD1-1
Descripción Electrónicos  series kd1 re-cirk-it
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

KD1-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KD1-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers KD1-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers KD1-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers KD1-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers KD1-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Frame
Information
KD Series
KD Series
Resettable Pushbutton
Circuit Protector
Provides basic thermal
protection.
Ratings from 0.25 – 20
amperes.
UL recognized.
The KD Pushbutton Circuit
Protector provides circuit
protection similar to a fuse
but does not require replace-
ment after a fault. This reset-
table design allows your
customer to stay online and
eliminate downtime.
Easy Installation
The KD Series is easily installed
in a 5/8” round or D-Shaped
panel cutout similar to that
used on conventional panel-
mounted fuse holders. It can
be mounted from either the
front or rear and is held in
place by special hardware. Its
1/4” quick-connect terminals
are solderable.
Industry Approvals
The KD Series has been tested
to meet the requirements of UL
1077, and is recognized as a
supplemental protector by UL.
We also carry CSA approval
for applications in Canada.
Positive Action
The KD Pushbutton Circuit
Protector trips without delay
on short circuit, and with a
controlled delay upon sustained
overloads upon tripping, the
contacts open with a positive
snap action, thereby suppress-
ing the arc.
Protective Covers
For applications where equip-
ment may be exposed to dust
or moisture, protective boots
are available. Two styles are
available, one which protects
the breaker from splashing
water and another which seals
the panel opening.
To order the slip-on boot,
choose Catalog Number
006-10469 or for a panel
sealing version, purchase
Catalog Number 006-10528.
Standard Product Offering
CURRENT
CATALOG NUMBER
0.25 A
KD1-0R25
0.50 A
KD1-0R50
0.75 A
KD1-0R75
1.00 A
KD1-1
1.50 A
KD1-1R5
1.75 A
KD1-1R75
2.00 A
KD1-2
2.50 A
KD1-2R5
3.00 A
KD1-3
4.00 A
KD1-4
5.00 A
KD1-5
6.00 A
KD1-6
7.00 A
KD1-7
8.00 A
KD1-8
9.00 A
KD1-9
10.00 A
KD1-10
15.00 A
KD1-15
20.00 A
KD1-20
Typical Dimensions
14
EATON CORPORATION Frame Information — KD Series
0.625
0.250
DIA
0.250
WHITE BUTTON
0.375
0.375
With Front Mount Clip Installed
0.287
0.750
7
Panel Mounting Hole
0.335 DIA
H
C I R KKK
PANEL MTG. HOLE
FOR PANEL THICKNESS
1/32 THRU 1/8
0.063
0.953
DIA.
#006-10417
Retaining Ring
0.360
MAX
º
0.797
0.625
0.750
#006-10478
Front Mount Clip
Accessories


Número de pieza similar - KD1-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
KD10 JAE-KD10 Datasheet
295Kb / 6P
   SIMPLIFIED COAXIAL, MULTIPLETYPE
KD10-RRP-F-0 JAE-KD10-RRP-F-0 Datasheet
295Kb / 6P
   SIMPLIFIED COAXIAL, MULTIPLETYPE
KD10-RRP3-F-0 JAE-KD10-RRP3-F-0 Datasheet
295Kb / 6P
   SIMPLIFIED COAXIAL, MULTIPLETYPE
KD10-RRP5-F-0 JAE-KD10-RRP5-F-0 Datasheet
295Kb / 6P
   SIMPLIFIED COAXIAL, MULTIPLETYPE
KD10-RRP8-F-0 JAE-KD10-RRP8-F-0 Datasheet
112Kb / 1P
   INSULATOR 6-6Ny
More results

Descripción similar - KD1-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SAMYANG ELECTRONICS CO....
ES3A SAMYANG-ES3A Datasheet
1Mb / 2P
   SUPER FAST RE
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
   XLR Re ceptacles
logo
CamdenBoss Ltd.
CHTB CAMDENBOSS-CHTB Datasheet
155Kb / 1P
   High temperat u re re s i stant connection blocks
logo
Tyco Electronics
2-1393217-0 MACOM-2-1393217-0 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-2 MACOM-2-1393217-2 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-4 MACOM-2-1393217-4 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
   USB re-enumeration capability
logo
List of Unclassifed Man...
8A5006-325 ETC2-8A5006-325 Datasheet
140Kb / 2P
   MICRO-CHANGE 8A SERIES RE-WIREABLE CONNECTOR
logo
Tyco Electronics
2-1393217-5 MACOM-2-1393217-5 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
RE030005 MACOM-RE030005_05 Datasheet
147Kb / 2P
   Miniature PCB Relay RE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com