Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1715A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1715A
Descripción Electrónicos  169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1715A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1715A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1715A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
The matching circuit is real by actual passive components.
L1=270nH L2=270nH
E.OUTLINE DRAWING:
2013
2014
2015
2016
2017
2018
2019
2020
Year
2021
2022
2023
2024
Year Code
A
a
A
a
#A:Input ground (recommended) or Input
#B:Input (recommended) or Input ground
#E:Output ground (recommended) or Output
#F::Output (recommended) or Output ground
#C、#G:
To be grounded
#D、#H:Case Ground
Δ:Product / Year Code
:Week Code
Unit:mm


Número de pieza similar - TA1715A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
TA1715A GOLLEDGE-TA1715A Datasheet
151Kb / 7P
   SAW Filter 169.40MHz
More results

Descripción similar - TA1715A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TB1126A TAI-SAW-TB1126A Datasheet
146Kb / 7P
   980 MHz 80MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1125A TAI-SAW-TB1125A Datasheet
147Kb / 7P
   739 MHz 78MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1337A TAI-SAW-TB1337A Datasheet
411Kb / 8P
   149.3MHz 47.4MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1208A TAI-SAW-TB1208A Datasheet
201Kb / 8P
   149.64MHz 48MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1131A TAI-SAW-TB1131A Datasheet
111Kb / 7P
   192 MHz 60MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1328A TAI-SAW-TB1328A Datasheet
409Kb / 7P
   38.2 MHz 5MHz BW SMD 75.0 x 5.0 mm SAW IF Filter
TB1341A TAI-SAW-TB1341A Datasheet
363Kb / 7P
   127.5 MHz 20MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1312A TAI-SAW-TB1312A Datasheet
388Kb / 7P
   234.5MHz 160kHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1335A TAI-SAW-TB1335A Datasheet
369Kb / 7P
   230.4MHz 8.16MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
TB1336A TAI-SAW-TB1336A Datasheet
374Kb / 7P
   328MHz 0.6MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com