Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF600 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza BUF600
Descripción Electrónicos  HIGH-SPEED BUFFER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF600 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  BUF600 Datasheet HTML 1Page - Burr-Brown (TI) BUF600 Datasheet HTML 2Page - Burr-Brown (TI) BUF600 Datasheet HTML 3Page - Burr-Brown (TI) BUF600 Datasheet HTML 4Page - Burr-Brown (TI) BUF600 Datasheet HTML 5Page - Burr-Brown (TI) BUF600 Datasheet HTML 6Page - Burr-Brown (TI) BUF600 Datasheet HTML 7Page - Burr-Brown (TI) BUF600 Datasheet HTML 8Page - Burr-Brown (TI) BUF600 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
®
BUF600, 601
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5V, RLOAD = 10kΩ, and TA = 25°C, unless otherwise noted.
BUF601 GAIN ERROR vs INPUT VOLTAGE
–5
14
12
10
8
6
4
2
0
Input Voltage (V)
–4
–3
–2
–1
0
1
2
3
4
5
+85°C
(Full Temperature Range, R
LOAD = 100Ω)
–40°C
+25°C
BUF601 TRANSFER FUNCTION
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
Input Voltage (V)
–4
–3
–2
–1
012345
R
LOAD = 100Ω
BUF601
BUF600 GAIN ERROR vs INPUT VOLTAGE
–5
14
12
10
8
6
4
2
0
Input Voltage (V)
–4
–3
–2
–1
0
1
2
3
4
5
85°C
(Full Temperature Range, R
LOAD = 200Ω)
–40°C
+25°C
BUF600 TRANSFER FUNCTION
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
Input Voltage (V)
–4
–3
–2
–1
012345
R
LOAD = 200Ω
BUF600
INPUT VOLTAGE NOISE
SPECTRAL DENSITY BUF600/601
100
100
10
1
Frequency (Hz)
1000
10k
100k
BUFF600
BUFF601
QUIESCENT CURRENT vs TEMPERATURE
–40
12
10
8
6
4
2
0
Temperature (°C)
–20
0
20406080
100
BUF600
BUF601


Número de pieza similar - BUF600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602 TI-BUF602 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602ID TI-BUF602ID Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602ID TI-BUF602ID Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVR TI-BUF602IDBVR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results

Descripción similar - BUF600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
   High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
[Old version datasheet]   High Speed BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
   RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
   RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com