Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC2814BP Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC2814BP
Descripción Electrónicos  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2814BP Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC2814BP Datasheet HTML 3Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 4Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 5Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 6Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 7Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 8Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 9Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 10Page - Burr-Brown (TI) DAC2814BP Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
DAC2814
20k
20k
20k
20k
V
A
OUT
V
B
OUT
10V
Ref
DAC A
DAC B
DAC2814
+
6
10
7
–15V
1µF
+15V
1µF
1µF
+5V
17
18
14
19
11
16
18
DGND
AGND
A
1
A
2
+
+
MODE 4
Serial
Data and
Control In
FIGURE 5. Analog Connections for 0 to –10V DAC Output.
Data In
LATCH A
LATCH B
CLK
Data Out
Data In
LATCH A
LATCH B
CLK
Data Out
Data In
LATCH A
LATCH B
CLK
Data Out
CS
CS
CS
23
22
2
21
24
5
23
22
2
21
24
5
23
22
2
21
24
5
Data
LATCH
CLK
To Other DACs
Multiple DAC2814s Cascaded
FIGURE 6. Cascaded Serial Bus Connection for Multiple
DAC packages.
FIGURE 7. Parallel Bus Connection for Multiple DAC
packages.
Data In
LATCH A
LATCH B
CLK
Data Out
Data In
LATCH A
LATCH B
CLK
Data Out
Data In
LATCH A
LATCH B
CLK
Data Out
CS
CS
CS
23
22
2
21
24
5
23
22
2
21
24
5
23
22
2
21
24
5
Data
LATCH 1
CLK
Multiple DAC2814s Paralleled
LATCH 2
LATCH 3


Número de pieza similar - DAC2814BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
DAC2812S MSK-DAC2812S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2812SE MSK-DAC2812SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Descripción similar - DAC2814BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com