Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC4813 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC4813
Descripción Electrónicos  QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4813 Datasheet(HTML) 8 Page - Burr-Brown (TI)

  DAC4813 Datasheet HTML 1Page - Burr-Brown (TI) DAC4813 Datasheet HTML 2Page - Burr-Brown (TI) DAC4813 Datasheet HTML 3Page - Burr-Brown (TI) DAC4813 Datasheet HTML 4Page - Burr-Brown (TI) DAC4813 Datasheet HTML 5Page - Burr-Brown (TI) DAC4813 Datasheet HTML 6Page - Burr-Brown (TI) DAC4813 Datasheet HTML 7Page - Burr-Brown (TI) DAC4813 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
DAC4813
8
INTERNAL/EXTERNAL REFERENCE USE
DAC4813 contains a +10V
±50mV voltage reference,
V
REF OUT. VREF OUT is available to drive external loads sourcing
up to 2mA. The load current should be constant, otherwise
the gain (and bipolar offset, if connected) of the D/A
converters will vary.
Because of the lack of additional pins required for external
reference inputs, V
REF OUT is connected internally to all 4
D/A converters. V
REF OUT
is available for external use on pin
28.
GAIN AND OFFSET ADJUSTMENTS
DAC4813 has no Gain and Offset Adjustment option.
INSTALLATION
POWER SUPPLY CONNECTIONS
Power supply decoupling capacitors should be added. Best
settling time performance occurs using a 1 to 10
µF tantalum
capacitor at –V
CC. Applications with less critical settling
time may be ale to use 0.01
µF at
–V
CC
as well as at +V
CC
.
The capacitors should be located close to the package.
DAC4813 features separate digital and analog power supply
returns to permit optimum connections for low noise and
high speed performance. It is recommended that both DIGI-
TAL COMMON (DCOM) and ANALOG COMMON
(ACOM) be connected directly to a ground plane under the
package. If a ground place is not used, connect the ACOM
and DCOM pins together close to the package. Since the
reference point for V
OUT and VREF OUT is the ACOM pin, it is
also important to connect the load directly to the ACOM pin.
The change in current in the ACOM pin due to an input date
word change from 000
HEX to FFFHEX is only 1mA for each
D/A converter.
OUTPUT VOLTAGE SWING
AND RANGE CONNECTIONS
DAC4813 output amplifiers provide a
±10V output swing
while operating on supplies as low as
±12V ±5%.
DAC4813 is fully committed to
±10V output ranges. Op-
tional ranges are not pin programmable.
12- AND 16-BIT BUS INTERFACES
DAC4813 data is latched into the input latches of each D/A
by asserting low each ENx individually and transferring the
data from the bus to each input latch by asserting WR low.
All D/A outputs in each package are then updated simulta-
neously by asserting LDAC and WR low.
Be sure to read the CAUTION statement in the LOGIC
INPUT COMPATIBILITY section.
RESET FUNCTION
The Reset function resets only the D/A latch. Therefore,
after a RESET, good data must be written to all the input
latches before an LDAC – WR command is issued. Other-
wise, old data or unknown data is present in the input latches
and will be transferred to the D/A latch producing an analog
output value that may be unwanted.
LOGIC INPUT COMPATIBILITY
DAC4813 digital inputs are TTL compatible (1.4V switch-
ing level) over the operating range of +V
CC
. Each input has
low leakage and high input impedance. Thus the inputs are
suitable for being driven by any type of 5V logic. An
equivalent circuit of a digital input is shown in Figure 1.
Open DATA input lines will float to 7V or more. Although
this will not harm the DAC4813, current spikes will occur in
the input lines when a logic 0 is asserted and, in addition, the
speed of the interface will be slower. A digital output driving
a DATA input line of the DAC4813 must not drive, or let
the DATA input float, above +5.5V. Unused DATA inputs
should be connected to DCOM.
Unused control inputs should be connected to a voltage
greater than +2V but not greater than +5.5V. If this voltage
is not available, the control inputs can be connected to +V
CC
through a 100k
Ω resistor to limit the input current.
FIGURE 1. Equivalent Digital Input Circuit.
6.8V
10
to
20pF
Digital
Input
DCOM
I
I
R
DAC4813
DIGITAL INPUT
R
Data, LDAC, WR, RESET
250
EN
X
330
INPUT CODING
DAC4813 accepts positive-true binary input codes.
Input coding for bipolar analog outputs is Bipolar Offset
Binary (BOB), where an input code of 000
HEX gives a minus
full-scale output, an input of FFF
HEX gives an output 1LSB
below positive full scale, and zero occurs for an input code
of 800
HEX.
DAC4813 can be used with two's complement coding if a
logic inverter is used ahead of the MSB input (DB11).


Número de pieza similar - DAC4813

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814BP BURR-BROWN-DAC4814BP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

Descripción similar - DAC4813

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com