Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC4813JP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC4813JP
Descripción Electrónicos  QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4813JP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC4813JP Datasheet HTML 1Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 2Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 3Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 4Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 5Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 6Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 7Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
DAC4813
4
PIN DESCRIPTIONS
PIN
NAME
FUNCTION
1
DB11
DATA, MSB, positive true.
2
DB10
DATA
3
DB9
DATA
4
DB8
DATA
5
DB7
DATA
6
DB6
DATA
7
DB5
DATA
8
DB4
DATA
9
DB3
DATA
10
DB2
DATA
11
DB1
DATA
12
DB0
DATA, LSB.
13
RESET
Resets output of all D/As to bipolar-zero. The D/A remains in this state until overwritten by a LDAC-WR command. RESET
does not reset the input latch. After power–up and reset, input latches will be in an indeterminant state.
14
WR
Write strobe. Must be low for data transfer to any latch (except RESET).
15
EN1
Enable for 12-bit input data latch of D/A1. NOTE: This logic path is slower than the WR/ path.
16
EN2
Enable for 12-bit input data latch of D/A2. NOTE: This logic path is slower than the WR/ path.
17
EN3
Enable for 12-bit input data latch of D/A3. NOTE: This logic path is slower than the WR /path.
18
EN4
Enable for 12-bit input data latch of D/A4. NOTE: This logic path is slower than the WR/ path.
19
LDAC
Load DAC enable. Must be low with WR for data transfer to the D/A latch and simultaneous update of all D/A converters.
20
DCOM
Digital common, logic currents return.
21
–V
CC
Analog supply input, nominally –12V or –15V referred to ACOM.
22
ACOM
Analog common, +V
CC
, –V
CC
supply return.
23
+V
CC
Analog supply input, nominally +12V or +15V referred to ACOM.
24
V
OUT 4
D/A 4 analog output.
25
V
OUT 3
D/A 3 analog output.
26
V
OUT 2
D/A 2 analog output.
27
V
OUT 1
D/A 1 analog output.
28
V
REF OUT
+10V reference output.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Número de pieza similar - DAC4813JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814BP BURR-BROWN-DAC4814BP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

Descripción similar - DAC4813JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com