Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC715PB Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC715PB
Descripción Electrónicos  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC715PB Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC715PB Datasheet HTML 1Page - Burr-Brown (TI) DAC715PB Datasheet HTML 2Page - Burr-Brown (TI) DAC715PB Datasheet HTML 3Page - Burr-Brown (TI) DAC715PB Datasheet HTML 4Page - Burr-Brown (TI) DAC715PB Datasheet HTML 5Page - Burr-Brown (TI) DAC715PB Datasheet HTML 6Page - Burr-Brown (TI) DAC715PB Datasheet HTML 7Page - Burr-Brown (TI) DAC715PB Datasheet HTML 8Page - Burr-Brown (TI) DAC715PB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
DAC715
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VCC = ±15V, and after a 10-minute warm-up, unless otherwise noted.
T
Specifications are the same as grade to the left.
NOTES: (1) Digital inputs are TTL and +5V CMOS compatible over the specification temperature range. (2) FSR means Full Scale Range. For example, for a 0 to +10V output, FSR = 10V.
(3) Errors externally adjustable to zero. (4) Maximum represents greater than the 3
σ limit. Not 100% tested for this parameter. (5) For the worst case code changes: FFFF
H to 0000H and 0000H to
FFFFH. These are Binary Two’s Complement (BTC) codes. (6) Typical supply voltages times maximum currents.
DAC715P, U
DAC715PB, UB
DAC715PK, UK
DAC715PL, UL
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
RESOLUTION
16
TT
T
Bits
DIGITAL INPUTS
Input Code
Binary Two’s Complement
TT
T
Logic Levels(1): VIH
+2.0
+VCC – 1.4
TT
TT
T
T
V
VIL
0
+0.8
TT
TT
T
T
V
IIH (VI = +2.7V)
±10
TT
T
µA
IIL (VI = +0.4V)
±10
TT
T
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±4
±2
±2
±2
LSB
TMIN to TMAX
±8
±4
±2
±2
LSB
Differential Linearity Error
±4
±2
±2
±1
LSB
TMIN to TMAX
±8
±4
±2
±1
LSB
Monotonicity Over Temp
13
14
15
16
Bits
Gain Error(3)
±0.1
±0.1
TT
%
TMIN to TMAX
±0.2
±0.15
TT
%
Offset Error(3)
±0.1
TT
T
% FSR(2)
TMIN to TMAX
±0.2
TT
T
% FSR
Power Supply Sensitivity Of Full Scale
±0.003
TT
T
% FSR/%VCC
±30
TT
T
PPM FSR/%VCC
DYNAMIC PERFORMANCE
Settling Time (to
±0.003%FSR,
5k
Ω ll 500pF Load)(4)
10V Output Step
6
10
TT
TT
T
T
µs
1 LSB Output Step(5)
4
TT
T
µs
Output Slew Rate
10
TT
T
V/
µs
Total Harmonic Distortion + Noise
0dB, 1001Hz, fS = 100kHz
0.005
TT
T
%
–20dB, 1001Hz, fS = 100kHz
0.03
TT
T
%
–60dB, 1001Hz, fS = 100kHz
3.0
TT
T
%
SINAD
1001Hz, fS = 100kHz
87
TT
T
dB
Digital Feedthrough(5)
2
TT
T
nV-s
Digital-to-Analog Glitch Impulse(5)
15
TT
T
nV-s
Output Noise Voltage
(includes Reference)
120
TT
T
nV
√Hz
ANALOG OUTPUT
Output Voltage Range
+VCC, –VCC = ±11.4V
0 to +10
TT
T
V
Output Current
±5
TT
T
mA
Output Impedance
0.1
TT
T
Short Circuit to ACOM
Duration
Indefinite
TT
T
REFERENCE VOLTAGE
Voltage
+9.975
+10.000
+10.025
TT
T
T
T
T
TTT
V
TMIN to TMAX
+9.960
+10.040
TT
TT
T
T
V
Output Resistance
1
TT
T
Source Current
2
TT
T
mA
Short Circuit to ACOM, Duration
Indefinite
TT
T
POWER SUPPLY REQUIREMENTS
Voltage: +VCC
+11.4
+15
+16.5
TT
T
T
T
T
TTT
V
–VCC
–16.5
–15
–11.4
TT
T
T
T
T
TTT
V
Current (no load,
±15V Supplies)
+VCC
13
15
TT
TT
T
T
mA
–VCC
22
25
TT
TT
T
T
mA
Power Dissipation
525
600
TT
TT
T
T
mW
TEMPERATURE RANGE
Specification All Grades
–40
+85
TT
0
+70
TT
°C
Storage
–60
+150
TT
TT
T
T
°C
Thermal Resistance
θ
JA
DIP Package
75
TT
T
°C/W
SOIC Package
75
TT
T
°C/W


Número de pieza similar - DAC715PB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC715PB TI1-DAC715PB Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715PBG4 TI1-DAC715PBG4 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Descripción similar - DAC715PB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com