Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7624P Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC7624P
Descripción Electrónicos  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7624P Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC7624P Datasheet HTML 3Page - Burr-Brown (TI) DAC7624P Datasheet HTML 4Page - Burr-Brown (TI) DAC7624P Datasheet HTML 5Page - Burr-Brown (TI) DAC7624P Datasheet HTML 6Page - Burr-Brown (TI) DAC7624P Datasheet HTML 7Page - Burr-Brown (TI) DAC7624P Datasheet HTML 8Page - Burr-Brown (TI) DAC7624P Datasheet HTML 9Page - Burr-Brown (TI) DAC7624P Datasheet HTML 10Page - Burr-Brown (TI) DAC7624P Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
DAC7624/7625
TYPICAL PERFORMANCE CURVES: VSS = –5V (CONT)
At TA = +25°C, VDD = +5V, VSS = –5V, VREFH = +2.5V, VREFL = –2.5V, representative unit, unless otherwise specified.
LINEARITY ERROR vs CODE
(DAC C, –40°C and +85°C)
200
H
000
H
FFF
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
+85°C
–40°C
0.25
0.00
–0.50
–0.25
0.25
400
H
600
H
800
H
A00
H
C00
H
E00
H
LINEARITY ERROR vs CODE
(DAC D, –40°C and +85°C)
200
H
000
H
FFF
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
+85°C
–40°C
0.25
0.00
–0.50
–0.25
0.25
400
H
600
H
800
H
A00
H
C00
H
E00
H
ZERO-SCALE ERROR vs TEMPERATURE
(Code 000
H)
20
–40
100
–20
0
40
Temperature (°C)
–1.0
3.0
2.0
1.5
0.0
–0.5
2.5
0.5
1.0
60
80
DAC D
DAC B
DAC C
DAC A
FULL-SCALE ERROR vs TEMPERATURE
(Code FFF
H)
20
–40
100
–20
0
40
Temperature (°C)
–1.0
3.0
2.0
1.5
0.0
–0.5
2.5
0.5
1.0
60
80
DAC D
DAC B
DAC C
DAC A


Número de pieza similar - DAC7624P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7624P TI1-DAC7624P Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624PB TI1-DAC7624PB Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7624P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com