Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7641YB Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC7641YB
Descripción Electrónicos  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7641YB Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC7641YB Datasheet HTML 4Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 5Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 6Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 7Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 8Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 9Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 10Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 11Page - Burr-Brown (TI) DAC7641YB Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
®
DAC7641
TYPICAL PERFORMANCE CURVES: VSS = 0V (Cont.)
At TA = +25°C, VDD = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
Time (1
µs/div)
OUTPUT VOLTAGE
vs MIDSCALE GLITCH PERFORMANCE
+5V
LDAC
0
8000
H to 7FFFH
BROADBAND NOISE
Time (10ms/div)
BW = 10kHz
Code = 8000H
1000
100
10
Frequency (Hz)
10
100
1000
10000
100000
1000000
OUTPUT NOISE VOLTAGE vs FREQUENCY
5
4
3
2
1
0
R
LOAD (kΩ)
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs R
LOAD
Source
Sink
12
10
8
6
4
2
0
Logic Input Level for Data Bits (V)
0
1
23
4
5
LOGIC SUPPLY CURRENT
vs LOGIC INPUT LEVEL FOR DATA BITS


Número de pieza similar - DAC7641YB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7641YB TI1-DAC7641YB Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641YB/250 BURR-BROWN-DAC7641YB/250 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7641YB/250 TI1-DAC7641YB/250 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641YB/250G4 TI1-DAC7641YB/250G4 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641YB/2K BURR-BROWN-DAC7641YB/2K Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7641YB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com