Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7644E Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DAC7644E
Descripción Electrónicos  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7644E Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC7644E Datasheet HTML 2Page - Burr-Brown (TI) DAC7644E Datasheet HTML 3Page - Burr-Brown (TI) DAC7644E Datasheet HTML 4Page - Burr-Brown (TI) DAC7644E Datasheet HTML 5Page - Burr-Brown (TI) DAC7644E Datasheet HTML 6Page - Burr-Brown (TI) DAC7644E Datasheet HTML 7Page - Burr-Brown (TI) DAC7644E Datasheet HTML 8Page - Burr-Brown (TI) DAC7644E Datasheet HTML 9Page - Burr-Brown (TI) DAC7644E Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
®
DAC7644
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B, +85
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
TYPICAL PERFORMANCE CURVES: VSS = 0V
At TA = +25°C, VDD = VCC = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
+25
°C
+85
°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B, +85
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC D, +25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH


Número de pieza similar - DAC7644E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7644E TI1-DAC7644E Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644E/1K TI1-DAC7644E/1K Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644E/1KG4 TI1-DAC7644E/1KG4 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644EB TI1-DAC7644EB Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644EB/1K TI1-DAC7644EB/1K Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7644E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com