Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7724U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DAC7724U
Descripción Electrónicos  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7724U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC7724U Datasheet HTML 1Page - Burr-Brown (TI) DAC7724U Datasheet HTML 2Page - Burr-Brown (TI) DAC7724U Datasheet HTML 3Page - Burr-Brown (TI) DAC7724U Datasheet HTML 4Page - Burr-Brown (TI) DAC7724U Datasheet HTML 5Page - Burr-Brown (TI) DAC7724U Datasheet HTML 6Page - Burr-Brown (TI) DAC7724U Datasheet HTML 7Page - Burr-Brown (TI) DAC7724U Datasheet HTML 8Page - Burr-Brown (TI) DAC7724U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
DAC7724, 7725
Top View
PIN CONFIGURATIONS
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1VREFH
Reference Input Voltage High. Sets maximum output voltage for all DACs.
2VOUTB
DAC B Voltage Output.
3VOUTA
DAC A Voltage Output.
4VSS
Negative Analog Supply Voltage, 0V or –15V.
5
GND
Ground.
6
RESET
Asynchronous Reset Input. Sets DAC and input registers to either mid-scale (800H, DAC7724) or zero-scale (000H, DAC7725)
when LOW.
7
LDAC
Load DAC Input. All DAC Registers are transparent when LOW.
8
DB0
Data Bit 0. Least significant bit of 12-bit word.
9
DB1
Data Bit 1
10
DB2
Data Bit 2
11
DB3
Data Bit 3
12
DB4
Data Bit 4
13
DB5
Data Bit 5
14
DB6
Data Bit 6
15
DB7
Data Bit 7
16
DB8
Data Bit 8
17
DB9
Data Bit 9
18
DB10
Data Bit 10
19
DB11
Data Bit 11. Most significant bit of 12-bit word.
20
R/W
Read/Write Control Input (read = HIGH, write = LOW).
21
A1
Register/DAC Select (C or D = HIGH, A or B = LOW).
22
A0
Register/DAC Select (B or D = HIGH, A or C = LOW).
23
CS
Chip Select Input.
24
VDD
Positive Digital Supply, +5V.
25
VCC
Positive Analog Supply Voltage, +15V nominal.
26
VOUTD
DAC D Voltage Output.
27
VOUTC
DAC C Voltage Output.
28
VREFL
Reference Input Voltage Low. Sets minimum output voltage for all DACs.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
REFH
V
OUTB
V
OUTA
V
SS
GND
RESET
LDAC
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
V
OUTD
V
CC
V
DD
CS
A0
A1
R/W
DB11 (MSB)
DB10
DB9
DB8
DB7
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC7724
DAC7725
GND
RESET
LDAC
(LSB) DB0
DB1
DB2
DB3
5
6
7
8
9
10
11
25
24
23
22
21
20
19
V
CC
V
DD
CS
A0
A1
R/W
DB11 (MSB)
4
3
2
1
28
27
26
12
13
14
15
16
17
18
DAC7724
DAC7725
SO
PLCC


Número de pieza similar - DAC7724U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7724U TI1-DAC7724U Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724U/1K TI1-DAC7724U/1K Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724UB TI1-DAC7724UB Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724UB/1K TI1-DAC7724UB/1K Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724UBG4 TI1-DAC7724UBG4 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7724U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com