Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC902 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza DAC902
Descripción Electrónicos  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC902 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC902 Datasheet HTML 1Page - Burr-Brown (TI) DAC902 Datasheet HTML 2Page - Burr-Brown (TI) DAC902 Datasheet HTML 3Page - Burr-Brown (TI) DAC902 Datasheet HTML 4Page - Burr-Brown (TI) DAC902 Datasheet HTML 5Page - Burr-Brown (TI) DAC902 Datasheet HTML 6Page - Burr-Brown (TI) DAC902 Datasheet HTML 7Page - Burr-Brown (TI) DAC902 Datasheet HTML 8Page - Burr-Brown (TI) DAC902 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
DAC902
PIN
DESIGNATOR
DESCRIPTION
1
Bit 1
Data Bit 1 (D11), MSB
2
Bit 2
Data Bit 2 (D10)
3
Bit 3
Data Bit 3 (D9)
4
Bit 4
Data Bit 4 (D8)
5
Bit 5
Data Bit 5 (D7)
6
Bit 6
Data Bit 6 (D6)
7
Bit 7
Data Bit 7 (D5)
8
Bit 8
Data Bit 8 (D4)
9
Bit 9
Data Bit 9 (D3)
10
Bit 10
Data Bit 10 (D2)
11
Bit 11
Data Bit 11 (D1)
12
Bit 12
Data Bit 12 (D0), LSB
13
NC
No Connection
14
NC
No Connection
15
PD
Power Down, Control Input; Active
High. Contains internal pull-down circuit;
may be left unconnected if not used.
16
INT/EXT
Reference Select Pin; Internal ( = 0) or
External ( = 1) Reference Operation.
17
REFIN
Reference Input/Ouput. See Applica-
tions section for further details.
18
FSA
Full-Scale Output Adjust
19
BW
Bandwidth/Noise Reduction Pin:
Bypass with 0.1
µF to +V
A for Optimum
Performance.
20
AGND
Analog Ground
21
IOUT
Complementary DAC Current Output
22
IOUT
DAC Current Output
23
BYP
Bypass Node: Use 0.1
µF to AGND
24
+VA
Analog Supply Voltage, 2.7V to 5.5V
25
NC
No Connection
26
DGND
Digital Ground
27
+VD
Digital Supply Voltage, 2.7V to 5.5V
28
CLK
Clock Input
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
SOIC, TSSOP
TYPICAL CONNECTION CIRCUIT
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
NC
NC
CLK
+V
D
DGND
NC
+V
A
BYP
I
OUT
I
OUT
AGND
BW
FSA
REF
IN
INT/EXT
PD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC902
Current
Sources
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref.
Latches
12-Bit Data Input
D11.......D0
DAC902
FSA
BW
+V
D
+V
A
R
SET
AGND
CLK
DGND
REF
IN
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50
50
20pF
1:1
0.1
µF
0.1
µF
+5V
+5V


Número de pieza similar - DAC902

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E TI1-DAC902E Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E/2K5 TI1-DAC902E/2K5 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E/2K5G4 TI1-DAC902E/2K5G4 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902EG4 TI1-DAC902EG4 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC902

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com