Nombre de pieza
         Descripción
INA126

 MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions ( 19 Page)


BURR-BROWN
100% 
Zoom Out Zoom In
 6 page
background image
INA126, INA2126
6
SBOS062A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15V, unless otherwise noted.
50
µs/div
50
µs/div
500ms/div
50
µs/div
VOLTAGE NOISE, 0.1Hz to 10Hz
LARGE-SIGNAL RESPONSE, G = 5
SMALL-SIGNAL RESPONSE, G = 5
SMALL-SIGNAL RESPONSE, G = 100
CHANNEL SEPARATION vs FREQUENCY, RTI
(Dual Version)
160
150
140
130
120
110
100
90
80
70
60
Frequency (Hz)
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
Measurement limited
by amplifier or
measurement noise.
R
L = 25kΩ
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ADA4004-11.8 nV/Hz 36 V Precision Single and Dual Amplifier 1 2 3 4 Analog Devices
LT6000Single Dual and Quad 1.8V 13uA Precision Rail-to-Rail Op Amps 1 2 3 4 5 MoreLinear Technology
FMPA21512.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module 1 2 3 4 Fairchild Semiconductor
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices
CS3004Precision Dual Low-voltage Amplifier 1 2 3 4 5 MoreCirrus Logic
CA3040Video and Wide-band Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
AD8224Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
CS3014Dual Low-power / Low-voltage Precision Amplifier 1 2 3 4 5 MoreCirrus Logic

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl