Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD1510 Datasheet(PDF) 6 Page - LDT Co., Ltd

No. de pieza LD1510
Descripción Electrónicos  3Channel Output LED Driver with 12 bit PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LDT [LDT Co., Ltd]
Página de inicio  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1510 Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1510 Datasheet HTML 2Page - LDT Co., Ltd LD1510 Datasheet HTML 3Page - LDT Co., Ltd LD1510 Datasheet HTML 4Page - LDT Co., Ltd LD1510 Datasheet HTML 5Page - LDT Co., Ltd LD1510 Datasheet HTML 6Page - LDT Co., Ltd LD1510 Datasheet HTML 7Page - LDT Co., Ltd LD1510 Datasheet HTML 8Page - LDT Co., Ltd LD1510 Datasheet HTML 9Page - LDT Co., Ltd LD1510 Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Ver3.0
6
LD1510
3Channel Output LED Driver with 12 bit PWM Controller
ABSOLUTE MAXIMUM RATINGS
(Note ) Ambient temperature delated above 25oC in the proportion of 14.2mW/ oC
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
Output Voltage
Output Current
Input Voltage
GND Terminal Current
CLKI Frequency
Power Dissipation
Operating Temperature
Storage Temperature
VCC
VOUT
IOUT
VIN
IGND
fCK
PD
Topr
Tstg
0~20
-0.5~20
100
-0.4~VDD+0.4
400
10
0.35
-40~85
-55~150
V
V
mA
V
mA
MHz
W
oC
oC
Internal PWM Clock Frequency
fPWMCK
12
MHz
RECOMMENDED OPERATING CONDITIONS
Regulator Voltage
VDD
0~6.5
V
DC CHARACTERISTICS
SYMBOL
UNIT
Input
Voltage
VIH
V
MAX.
VDD
TYP.
-
MIN.
0.8VDD
“H” Level
VIL
0.2VDD
-
GND
“L” Level
Output
Voltage
VOL
V
0.2VDD
-
-
DO,CLKO
VOH
-
-
0.8VDD
VCC Supply Voltage
Vcc
V
18
15
4.5
LED Driver Output Voltage
VOUT
V
18
High Level Output Current
IOH
mA
-1
Low Level Output Current
IOL
mA
1
LED Driver Output Current
IOUT
mA
100
Operating Free-air Temperature Range
oC
85
-40
CLKI Frequency
fCK
MHz
10
Internal PWM Clock Frequency
fPWMCK
MHz
12
10
8
Setup Time
tsetup
ns
15
AC CHARACTERISTICS
SYMBOL
UNIT
MAX.
TYP.
MIN.
Pulse Width
tWH0 / tWL0
ns
20
CLKI
Hold Time
thold
ns
15
VDD Regulator Voltage or External Supply Voltage
VDD
V
5.5
5.0
4.5
Ta = 25oC


Número de pieza similar - LD1510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LDT Co., Ltd
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
   12 Channel Output LED Driver
More results

Descripción similar - LD1510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
   10 bit PWM Controller 48Channel Output LED Driver
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com