Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4738AM Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza 1N4738AM
Descripción Electrónicos  1W 1N47**AM Series Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4738AM Datasheet(HTML) 1 Page - Leshan Radio Company

  1N4738AM Datasheet HTML 1Page - Leshan Radio Company 1N4738AM Datasheet HTML 2Page - Leshan Radio Company 1N4738AM Datasheet HTML 3Page - Leshan Radio Company 1N4738AM Datasheet HTML 4Page - Leshan Radio Company 1N4738AM Datasheet HTML 5Page - Leshan Radio Company 1N4738AM Datasheet HTML 6Page - Leshan Radio Company 1N4738AM Datasheet HTML 7Page - Leshan Radio Company 1N4738AM Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Feature & Dimensions
* 1W DO-41
*Zener voltage regulator diodes
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Complete voltage range_24volts
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
We declare that the material of product
compliance with ROHS requirements
Absolute Maximum Ratings(Ta=25
°C)
Power Disspation at Tamb = 25℃
Ptot
W
Forward voltage at IF=200mAVF
V
Junction TemperatureTj
Storage Temperature RangeTs
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature
1.Product Characteristic
TYPE
Nominal
Test
Zener
Current
Voltage
I zt
Z zt @ I zt Z zk@ IzkZ zk@ Izk
IR
VR
Vz@Lzt
mA
Ohms
Ohms
m A
uA Max Volts B
Volts
1N4736AM 1N4736AM
6.8
37
3.5
7004
1N4737AM 1N4737AM
7.5
34
4
7005
1N4738AM 1N4738AM
8.2
31
4.56
1N4739AM 1N4739AM
9.1
28
57
1N4740AM 1N4740AM
10
25
7
700
7.6
1N4741AM 1N4741AM
11
23
8
8.4
1N4742AM 1N4742AM
12
21
9
9.1
1N4743AM 1N4743AM
13
19
10
700
9.9
1N4744AM 1N4744AM
15
17
14
700
11.4
1N4745AM 1N4745AM
16
15.5
16
700
12.2
Type
1W 1N47**AM Series Zener Diodes
Max Zener Impedance
Max Reverse
A and B Sufflx only
Leakage Current
Marking
-65 to +175
Surge Current @
Ta=25℃
Ir-m A
660
605
550
500
454
414
380
344
304
285
0.5
0.25
5
* We declare that the material of product
compliance with RoHS requirements.
1
1.2
175
1)


Número de pieza similar - 1N4738AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
1N4738AM LRC-1N4738AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
More results

Descripción similar - 1N4738AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com