Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA130A Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza SA130A
Descripción Electrónicos  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SA130A Datasheet(HTML) 1 Page - Leshan Radio Company

  SA130A Datasheet HTML 1Page - Leshan Radio Company SA130A Datasheet HTML 2Page - Leshan Radio Company SA130A Datasheet HTML 3Page - Leshan Radio Company SA130A Datasheet HTML 4Page - Leshan Radio Company SA130A Datasheet HTML 5Page - Leshan Radio Company SA130A Datasheet HTML 6Page - Leshan Radio Company SA130A Datasheet HTML 7Page - Leshan Radio Company SA130A Datasheet HTML 8Page - Leshan Radio Company SA130A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feature
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
* Glass passivated chip junction in DO-15 package
* 500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: typically less
than 1.0 ps from 0 volts to BV min
* Typical IR less than 1
μA above 10V
* High temperature soldering guaranteed:
260 /10 seconds/.375
”,(9.5mm) lead
length/5lbs., (2.3kg) tension
Case: JEDEC DO-15 molded plastic
We declare that the material of product compliance
Terminals: Axial leads, solderable per
with ROHS requirements
MIL-STD-202, Method 208
Polarity: Color band denoted cathode
except Bipolar
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SA5.0A thru types SA170A
Electrical characteristics apply in both directions.marking code is all type.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
PPPM
Minimum 500
Watts
PM(AV)
3.0
Watts
IFSM
70
Amps
TJ
-55 to +150
°C
TSTG
-55 to +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57in2(40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1)
Steady State Power Dissipation at TL=75°C
Lead Lengths .375
”,(9.5mm) (Note 2)
Peak Forward Surge Current, 8.3ms Single Half Sine-
Wave Superimposed on Rated Load(JECED Method) (Note 3)
Operating Temperature Range
Storage Temperature Range
SA***
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 TO 170 Volts
500Watt Peak Power
3.0 Watt Steady State
RATING
Mechanical Data
Electrical Characteristic


Número de pieza similar - SA130A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
SA130A TSC-SA130A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA130A MOTOROLA-SA130A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA130A PANJIT-SA130A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Littelfuse
SA130A LITTELFUSE-SA130A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
StarHope
SA130A SPSEMI-SA130A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
More results

Descripción similar - SA130A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
5KP SURGE-5KP Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Central Semiconductor C...
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com