Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC4073D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

No. de pieza STC4073D
Descripción Electrónicos  NPN Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC4073D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STC4073D Datasheet HTML 1Page - KODENSHI_AUK CORP. STC4073D Datasheet HTML 2Page - KODENSHI_AUK CORP. STC4073D Datasheet HTML 3Page - KODENSHI_AUK CORP. STC4073D Datasheet HTML 4Page - KODENSHI_AUK CORP. STC4073D Datasheet HTML 5Page - KODENSHI_AUK CORP. STC4073D Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-T6O027-000
2
STC4073D
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100μA, IE=0
120
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
120
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=100μA, IC=0
6
-
-
V
Collector cut-off current
ICBO
VCB=120V, IE=0
-
-
0.1
Emitter cut-off current
IEBO
VEB=4V, IC=0
-
-
0.1
DC current gain
hFE
1)
VCE=5V, IC= 30
200
-
400
-
IC=500 , IB=50
-
-
0.5
V
Collector-Emitter saturation voltage
VCE(sat)
2)
IC=100 , IB=10
-
0.1
V
Base-Emitter saturation voltage
VBE(sat)
2)
IC=500 , IB=50
-
-
1.2
V
Transition frequency
fT
VCE=5V, IC= 50
-
170
-
Collector output capacitance
Cob
VCB=10V, IE=0, f=1
-
10
-
* Note 1) hFE Rank : 200~400 only
* Note 2) Pulse Tester : Pulse Width ≤300
μs, Duty Cycle ≤2.0%


Número de pieza similar - STC4073D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
STC4073D KODENSHI-STC4073D Datasheet
419Kb / 6P
   NPN Silicon Transistor
More results

Descripción similar - STC4073D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com