Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC0203A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC0203A
Descripción Electrónicos  SAW Resonator 433.420 MHz TO39
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0203A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0203A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0203A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0203A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.420 MHz
MODEL NO.: TC0203A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
433.345
433.42
433.495
Insertion Loss IL
dB
-
1.0
2.0
Equivalent Elements
Motional capacitance C1
fF
-
1.8
-
Motional inductance L1
μ
H
-
73
-
Motional resistance R1
Ohm
-
13
-
Parallel capacitance Co
pF
-
3.0
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
10
-
40
Package size
TO39
D.OUTLINE DRAWING:


Número de pieza similar - TC0203A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0200A TAI-SAW-TC0200A Datasheet
317Kb / 4P
   SAW Resonator 622.080 MHz SMD 3.8X3.8 mm
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0201A GOLLEDGE-TC0201A Datasheet
79Kb / 4P
   433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
   SAW Resonator 315 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
   SAW Resonator 390 MHz
More results

Descripción similar - TC0203A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
RO2112D RFM-RO2112D Datasheet
101Kb / 2P
   433.420 MHz SAW Resonator
RO2112E RFM-RO2112E Datasheet
100Kb / 2P
   433.420 MHz SAW Resonator
RO2112C RFM-RO2112C Datasheet
99Kb / 2P
   433.420 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0206B TAI-SAW-TC0206B Datasheet
197Kb / 7P
   SAW Resonator 433.420 MHz
TC0194A TAI-SAW-TC0194A Datasheet
327Kb / 4P
   SAW Resonator 433.420 MHz SMD 3.8X3.8 mm
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
   SAW Resonator 303.825 MHz TO39
TC0145A TAI-SAW-TC0145A Datasheet
240Kb / 3P
   SAW Resonator 868.35 MHz TO39
TC0240A TAI-SAW-TC0240A Datasheet
213Kb / 3P
   SAW Resonator 435.7 MHz TO39
TD0112A TAI-SAW-TD0112A Datasheet
212Kb / 3P
   SAW Resonator 414.25 MHz TO39
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com