Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC0321A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC0321A
Descripción Electrónicos  SAW Resonator 669.557 MHz SMD 3X3 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0321A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0321A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0321A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0321A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0321A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0321A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0321A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 6 -
TST DCC
Release document
H.RECOMMENDED REFLOW PROFILE:


Número de pieza similar - TC0321A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0320A TAI-SAW-TC0320A Datasheet
270Kb / 6P
   SAW Resonator 672.411 MHz SMD 3X3 mm
TC0322A TAI-SAW-TC0322A Datasheet
347Kb / 6P
   SAW Resonator 868.95 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TC0322A GOLLEDGE-TC0322A Datasheet
287Kb / 6P
   SAW Resonator: 868.950MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0326A TAI-SAW-TC0326A Datasheet
329Kb / 6P
   SAW Resonator 868.98 MHz
More results

Descripción similar - TC0321A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0224A TAI-SAW-TC0224A Datasheet
291Kb / 4P
   SAW Resonator 669.557 MHz SMD 3.8X3.8 mm
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0355A TAI-SAW-TC0355A Datasheet
279Kb / 6P
   SAW Resonator 644.873 MHz SMD 3X3 mm
TC0378A TAI-SAW-TC0378A Datasheet
277Kb / 6P
   SAW Resonator 500 MHz SMD 3X3 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
   SAW Resonator 315 MHz SMD 3X3 mm
TC0334A TAI-SAW-TC0334A Datasheet
278Kb / 6P
   SAW Resonator 671.086 MHz SMD 3X3 mm
TC0379A TAI-SAW-TC0379A Datasheet
278Kb / 6P
   SAW Resonator 719.75 MHz SMD 3X3 mm
TC0513A TAI-SAW-TC0513A Datasheet
387Kb / 6P
   SAW Resonator 491.835 MHz SMD 3X3 mm
TC0517A TAI-SAW-TC0517A Datasheet
370Kb / 6P
   SAW Resonator 832.458 MHz SMD 3X3 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com