Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC0446A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TC0446A
Descripción Electrónicos  SAW Resonator 857.65 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0446A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0446A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0446A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0446A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0446A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0446A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0446A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 6 -
TST DCC
Release document
I. RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 245~260℃ peak (min. 10sec).
4. Time : 2 times.


Número de pieza similar - TC0446A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TC0447A TAI-SAW-TC0447A Datasheet
268Kb / 6P
   SAW Resonator 904.3 MHz
TC0449A TAI-SAW-TC0449A Datasheet
267Kb / 6P
   SAW Resonator 434.15 MHz
More results

Descripción similar - TC0446A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Monolithics, Inc
RO2166A RFM-RO2166A Datasheet
100Kb / 2P
   857.65 MHz SAW Resonator
RO2166D RFM-RO2166D Datasheet
97Kb / 2P
   857.65 MHz SAW Resonator
RO2166E RFM-RO2166E Datasheet
96Kb / 2P
   857.65 MHz SAW Resonator
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com