Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAR1212DCBXXZ01A Datasheet(PDF) 10 Page - Lineage Power Corporation

No. de pieza CAR1212DCBXXZ01A
Descripción Electrónicos  -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212DCBXXZ01A Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button CAR1212DCBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 10Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 11Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 12Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 13Page - Lineage Power Corporation CAR1212DCBXXZ01A Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
GE
Data Sheet
CAR1212DC series DC-DC converter
Input: -36VD C to -75VDC; Output: 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
October 21, 2013
©2013 General Electric Company. All rights reserved.
Page 10
Digital Feature Descriptions
PMBus™ compliance: The power supply is fully compliant to the
Power Management Bus (PMBus™) rev1.2 requirements.
Manufacturer specific commands located between addresses 0xD0
to 0xEF provide instructions that either do not exist in the general
PMBus specification or make the communication interface simpler
and more efficient.
Master/Slave: The ‘host controller’ is always the MASTER. Power
supplies are always SLAVES. SLAVES cannot initiate
communications or toggle the Clock. SLAVES also must respond
expeditiously at the command of the MASTER as required by the
clock pulses generated by the MASTER.
Clock stretching: The ‘slave’ µController inside the power supply
may initiate clock stretching if it is busy and it desires to delay the
initiation of any further communications. During the clock stretch
the ‘slave’ may keep the clock LO until it is ready to receive further
instructions from the host controller. The maximum clock stretch
interval is 25ms.
The host controller needs to recognize this clock stretching, and
refrain from issuing the next clock signal, until the clock line is
released, or it needs to delay the next clock pulse beyond the clock
stretch interval of the power supply.
Note that clock stretching can only be performed after completion
of transmission of the 9th ACK bit, the exception being the START
command.
Figure 13. Example waveforms showing clock stretching.
I²C Bus Lock-Up detection: The device will abort any transaction
and drop off the bus if it detects the bus being held low for more
than 35ms.
Communications speed: Both 100kHz and 400kHz clock rates are
supported. The power supplies default to the 100kHz clock rate. The
minimum clock speed specified by SMBus is 10 kHz.
Packet Error Checking (PEC): Although the power supply will
respond to commands with or without the trailing PEC, it is highly
recommended that PEC be used in all communications. The
integrity of communications is compromised if packet error
correction is not employed. There are many functional features,
including turning OFF the main output, that should require
validation to ensure that the correct command is executed.
PEC is a CRC-8 error-checking byte, based on the polynomial C(x) =
x8 + x2 + x + 1, in compliance with PMBus™ requirements. The
calculation is based in all message bytes, including the originating
write address and command bytes preceding read instructions. The
PEC is appended to the message by the device that supplied the last
byte.
SMBAlert#: The µC driven SMBAlert# signal informs the
‘master/host’ controller that either a STATE or ALARM change has
occurred. Normally this signal is HI. The signal will change to its LO
level if the power supply has changed states and the signal will be
latched LO until the power supply either receives a ‘clear’ instruction
as outlined below or executes a READ STATUS_WORD. If the alarm
state is still present after the STATUS registers were reset, then the
signal will revert back into its LO state again and will latch until a
subsequent reset signal is received from the host controller.
The signal will be triggered for any state change, including the
following conditions;
VIN and under or over voltage
IOUT over current
Over Temperature warning or fault
Fan Failure
Communication error
PEC error
Invalid command
Internal faults
The power supply will clear the SMBusAlert# signal (release the
signal to its HI state) upon the following events:
Receiving a CLEAR_FAULTS command
The main output recycled (turned OFF and then ON) via the
ENABLE signal pin
The main output recycled (turned OFF and then ON) by the
OPERATION command
Execution of a READ of the STATUS_WORD register
Global broadcast: This is a powerful command because it can
instruct all power supplies to respond simultaneously in one
command. But it does have a serious disadvantage. Only a single
power supply needs to pull down the ninth acknowledge bit. To be
certain that each power supply responded to the global instruction,
a READ instruction should be executed to each power supply to
verify that the command properly executed. The GLOBAL
BROADCAST command should only be executed for write
instructions to slave devices.
Read back delay: The power supply issues the SMBAlert #
notification as soon as the first state change occurred. During an
event a number of different states can be transitioned to before the
final event occurs. If a read back is implemented rapidly by the host
a successive SMBAlert# could be triggered by the transitioning state
of the power supply. In order to avoid the triggering of successive
SMBAlert# s and thus reading a transitioning state, it is prudent to
wait more than 2 seconds after the receipt of an SMBAlert# before
executing a read back. This delay will ensure that only the final state
of the power supply is captured.
Successive read backs: Successive read backs to the power supply
should not be attempted at intervals faster than every one second.
This time interval is sufficient for the internal processors to update
their data base so that successive reads provide fresh data.
PMBusTM Commands
Standard instruction: Up to two bytes of data may follow an
instruction depending on the required data content. Analog data is
always transmitted as LSB followed by MSB. PEC is optional and
includes the address and data fields.
1
8
1
8
1
S Slave address
Wr
A
Command Code
A
8
1
8
1
8
1
1
Low data byte
A
High data byte
A
PEC
A
P
Master to Slave
Slave to Master
SMBUS annotations; S – Start , Wr – Write, Sr – re-Start, Rd –
Read, A – Acknowledge, NA – not-acknowledged, P – Stop
Clock
Stretch


Número de pieza similar - CAR1212DCBXXZ01A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR1212DC5-1A LINEAGEPOWER-CAR1212DC5-1A Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR1212DC5Y0-1A LINEAGEPOWER-CAR1212DC5Y0-1A Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR1212DC5Z0-1A LINEAGEPOWER-CAR1212DC5Z0-1A Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
More results

Descripción similar - CAR1212DCBXXZ01A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com