Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAR2512TEBX5Z01A Datasheet(PDF) 7 Page - Lineage Power Corporation

No. de pieza CAR2512TEBX5Z01A
Descripción Electrónicos  90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512TEBX5Z01A Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button CAR2512TEBX5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 7Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 8Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 9Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 10Page - Lineage Power Corporation CAR2512TEBX5Z01A Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GE
Preliminary Data Sheet
CAR2512TE Front-End
Input: 90VAC to 264VAC; Output: 12 VDC @ 2500W; 3.3/5VDC standby @ 15W
February 7, 2014
©2012 General Electric Company. All rights reserved.
Page 7
Control and Status
Control hierarchy: Some features, such as output voltage,
can be controlled both through hardware and firmware. For
example, the output voltage is controlled both by the signal pin
(Vprog) and the PMBus command, (Vout_command) .
Using output voltage as an example; the Vprog signal pin has
ultimate control of the output voltage until the Vprog is either >
3VDC or a no connect. When the programming signal via Vprog
is either a no connect or > 3VDC, it is ignored, the output
voltage is set at its nominal 12VDC and the unit output voltage
can be controlled via the PMBus command, (Vout_command).
Analog controls: Details of analog controls are provided in
this data sheet under Signal Definitions.
Common ground: All signals and outputs are referenced to
Output return. These include ‘VSTDBY return’ and ‘Signal return’.
reset the soft start circuitry of the individual power supplies.
Auto_restart: Auto-restart is the default configuration for
recovering from over-current and over-temperature
shutdowns.
An overvoltage shutdown is followed by three attempted
restarts, each restart delayed 1 second, within a 1 minute
window. If within the 1 minute window three attempted
restarts failed, the unit will latch OFF. If less than 3 shutdowns
occur within the 1 minute window then the count for latch OFF
resets and the 1 minute window starts all over again.
Restart after a lachoff: To restart after a latch_off either of
four restart mechanisms are available. The hardware pin
Remote ON/OFF may be turned OFF and then ON. The unit
may be commanded to restart via i2c through the Operation
command by first turning OFF then turning ON . The third way
to restart is to remove and reinsert the unit. The fourth way is
to turn OFF and then turn ON ac power to the unit. The fifth
way is by changing firmware from latch off to restart. Each of
these commands must keep the power supply in the OFF state
for at least 2 seconds, with the exception of changing to
restart.
A successful restart shall clear all alarm registers.
A power system that is comprised of a number of power
supplies could have difficulty restarting after a shutdown event
because of the non-synchronized behavior of the individual
power supplies. Implementing the latch-off mechanism
permits a synchronized restart that guarantees the
simultaneous restart of the entire system.
A synchronous restart can be implemented by;
1. Issuing a GLOBAL OFF and then ON command to all power
supplies,
2. Toggling Off and then ON the Remote ON/OFF signal
3. Removing and reapplying input commercial power to the
entire system.
It is good practice to turn OFF the power supplies for about 20
– 30 seconds in order to discharge all internal bias supplies
and reset the soft start circuitry of the individual power
supplies.
Control Signals
All signals are referenced to ‘Signal Return’.
Device addressing: The microcontroller (MCU) and the EEPROM
have the following addresses:
Device
Address
Address Bit Assignments
(Most to Least Significant)
MCU
0xBx
1
0
1
1
A2
A1
A0
R/W
Broadcast
0x00
0
0
0
0
0
0
0
0
EEPROM
0xAx
1
0
1
0
A2
A1
A0
R/W
Address lines (A2, A1, A0): These signal pins allow up to eight
(8) modules to be addressed on a single I²C bus. The pins are
pulled HI internally. For logic LO connect to ‘Output Return’.
Global broadcast: This is a powerful command because it
instruct all power supplies to respond simultaneously. A read
instruction should never be accessed globally. The power
supply should issue an ‘invalid command’ state if a ‘read’ is
attempted globally.
For example, changing the ‘system’ output voltage requires the
global broadcast so that all paralleled power supplies change
their output simultaneously. This command can also turn OFF
the ‘main’ output or turn ON the ‘main’ output of all power
supplies simultaneously. Unfortunately, this command does
have a side effect. Only a single power supply needs to pull
down the ninth acknowledge bit. To be certain that each power
supply responded to the global instruction, a READ instruction
should be executed to each power supply to verify that the
command properly executed. The GLOBAL BROADCAST
command should only be executed for write instructions to
slave devices.
Voltage programming (Vprog): An analog voltage on this
signal can vary the output voltage ± 10% of nominal, from
10.8VDC to 13.2VDC. The equation of this signal is:
VOUT = 10.8  (Vprog * 0.96) where Vprog = 0 to 2.5VDC
Between 2.5 and 3V the output stays at 13.2VDC. If Vprog is >
3V, or left open, the programming signal is ignored and the
unit output is set at the setpoint of 12VDC.
Load share (Ishare): This is a single wire analog signal that is
generated and acted upon automatically by power supplies
connected in parallel. The Ishare pins should be tied together
for power supplies if active current share among the power
supplies is desired. No resistors or capacitors should get
connected to this pin.
Remote_ON/OFF: Controls presence of the 12VDC output
voltage. A logic LO on this signal pin turns OFF the 12VDC
output.
Interlock: This is a short signal pin that controls the presence
of the 12VDC main output. This pin should be connected to
‘output return’ on the system side of the output connector. The
purpose of this pin is to ensure that the output turns ON after
engagement of the power blades and turns OFF prior to
disengagement of the power blades.


Número de pieza similar - CAR2512TEBX5Z01A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

Descripción similar - CAR2512TEBX5Z01A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com