Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP6516 Datasheet(PDF) 1 Page - API Technologies Corp

No. de pieza FP6516
Descripción Electrónicos  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP6516 Datasheet(HTML) 1 Page - API Technologies Corp

  FP6516 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 500 MHz
5 - 500 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +44 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +38 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +28 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
mA
35
38 Max.
RF AMPLIFIER
MODEL
TM6516
Available as:
TM6516, 4 Pin TO-8 (T4)
TN6516, 4 Pin Surface Mount (SM3)
FP6516, 4 Pin Flatpack (FP4)
BX6516, Connectorized Housing (H1)
Features
!
!
!
!
! Medium Gain: +14.5 dB Typical
!
!
!
!
! Medium Output Power: +14 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<4.0
4.5 Max.
VSWR
In
<1.4:1
2.0:1 Max.
Out
<1.25:1
2.0:1 Max.
Reverse
Isolation (dB)
-17.5
-17 Max.
Power @ 1 dB
Comp. (dBm)
+14
+12.0 Min.
Gain (dB)
14.5
13.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power. .... 50 Milliwatts (1 MinuteMax.)
Maximum Peak Power .................. 0.5 Watt (3
µsec Max.)
11/12/04
+16
+14
+15
2.0
1.5
1.0
2.0
1.5
1.0
6
16
15
+12
0
- 10
- 20
- 30
- 40
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Stop 500 MHz
+13
4
3
2
5
12
13
14
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Número de pieza similar - FP6516

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
FP6510 APITECH-FP6510 Datasheet
71Kb / 1P
   RF AMPLIFIER MODEL
FP6511 APITECH-FP6511 Datasheet
72Kb / 1P
   RF AMPLIFIER MODEL
FP6512 APITECH-FP6512 Datasheet
74Kb / 1P
   RF AMPLIFIER MODEL
FP6513 APITECH-FP6513 Datasheet
71Kb / 1P
   RF AMPLIFIER MODEL
FP6513PM APITECH-FP6513PM Datasheet
45Kb / 1P
   RF AMPLIFIER MODEL
More results

Descripción similar - FP6516

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com