Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP6440 Datasheet(PDF) 1 Page - API Technologies Corp

No. de pieza FP6440
Descripción Electrónicos  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP6440 Datasheet(HTML) 1 Page - API Technologies Corp

  FP6440 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 500 MHz
10 - 500 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+38 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +33 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +23 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
mA
15
17 Max.
RF AMPLIFIER
MODEL TM6440
Available as:
TM6440, 4 Pin TO-8 (T4)
TN6440, 4 Pin Surface Mount (SM3)
FP6440, 4 Pin Flatpack (FP4)
BX6440, Connectorized Housing (H1)
Features
!
!
!
!
! Low Current Drain: 15mA with +9 dBm Output
!
!
!
!
! Medium Gain: +13 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
3.6
5.0 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-18.5
-17.5 Max.
Power @ 1 dB
Comp. (dBm)
+9.0
+7.5 Min.
Gain (dB)
13.0
12.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.5 Watt (3
µsec Max.)
11/10/04
2.0
1.5
1.0
2.0
1.5
1.0
3
5
4
15
13
11
+12
+11
+10
+ 9
+ 8
0
- 10
- 20
- 30
- 40
12
14
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Número de pieza similar - FP6440

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
FP6441 APITECH-FP6441 Datasheet
106Kb / 1P
   RF AMPLIFIER MODEL
FP6441PM APITECH-FP6441PM Datasheet
130Kb / 1P
   RF AMPLIFIER MODEL
FP6442 APITECH-FP6442 Datasheet
70Kb / 1P
   RF AMPLIFIER MODEL
FP6442PM APITECH-FP6442PM Datasheet
123Kb / 1P
   RF AMPLIFIER MODEL
FP6443 APITECH-FP6443 Datasheet
72Kb / 1P
   RF AMPLIFIER MODEL
More results

Descripción similar - FP6440

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com