Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYG22B-TR Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza BYG22B-TR
Descripción Electrónicos  Ultrafast Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG22B-TR Datasheet(HTML) 1 Page - Vishay Siliconix

  BYG22B-TR Datasheet HTML 1Page - Vishay Siliconix BYG22B-TR Datasheet HTML 2Page - Vishay Siliconix BYG22B-TR Datasheet HTML 3Page - Vishay Siliconix BYG22B-TR Datasheet HTML 4Page - Vishay Siliconix BYG22B-TR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYG22A, BYG22B, BYG22D
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
1
Document Number: 88959
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Avalanche SMD Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated junction
• Low reverse current
• Low forward voltage
• Soft recovery characteristic
• Ultra fast reverse recovery time
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
50 V, 100 V, 200 V
IFSM
35 A
IR
1.0 μA
VF at IF
1.1 V
trr
25 ns
ER
20 mJ
TJ max.
150 °C
Package
DO-214AC (SMA)
Diode variations
Single die
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG22A
BYG22B
BYG22D
UNIT
Device marking code
BYG22A
BYG22B
BYG22D
Maximum repetitive peak reverse voltage
VRRM
50
100
200
V
Average forward current
IF(AV)
2.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
35
A
Pulse energy in avalanche mode,
non repetitive (inductive load switch off)
I(BR)R = 1 A, TJ = 25 °C
ER
20
mJ
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Número de pieza similar - BYG22B-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYG22B-M3 VISHAY-BYG22B-M3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
BYG22B-M3/HM3 VISHAY-BYG22B-M3/HM3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
More results

Descripción similar - BYG22B-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D_15 Datasheet
96Kb / 6P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
BYG20J-TR VISHAY-BYG20J-TR Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG20J-E3 VISHAY-BYG20J-E3 Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A VISHAY-BYG22A_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG23M VISHAY-BYG23M_V01 Datasheet
105Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A-M3 VISHAY-BYG22A-M3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com